Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAMAB024DA3C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TAMAB024DA3C
Description  TEMPERATURE TRANSMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TAMAB024DA3C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TAMAB024DA3C Datasheet HTML 1Page - List of Unclassifed Manufacturers TAMAB024DA3C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
67
Thiim A/S
Transformervej 31
Tel.: +45 4485 8000
Web:
www.thiim.com
2730 Herlev - Denmark
Fax: +45 4485 8005
Webshop: shop.thiim.com
PT100 TEMPERATURE
TRANSMITTER
Type: TAMA & TAMB
FEATURES:
• 74 programmable input ranges
• 6 programmable output ranges
• Excellent linearity < 0.2%
• Build-in relay with adjustable limit
(only in type TAMB)
• LED indicates the state of the relay
(only in type TAMB)
• Small outlines
Description:
ThemeasuringtransducerstypeTAMAandTAMBareusedformeasuring
the temperature with a PT100 sensor according to DIN IEC 751.
Application:
Monitoring temperatures in: motors, generators, heaters, air-condition
systems, chemical processes and machine parts. The transducer is
especially well suited for pre-amplification and range setting in front of
instrumentation, PLCs, PC and microprocessor control systems.
FUNCTION DIAGRAM
CONNECTION DIAGRAM
12 11 14
A1 A2
A1 A2
DIFF.
LIMIT
O
N
Z
E
R
O
Z
E
R
O
S
P
A
N
S
P
A
N
0
25
75
50
100
TEMPERATURE
TRANSMITTER
TEMPERATURE
TRANSMITTER
B3
-
-
+
+
B1 B2
B1 B2 B3
35,0 mm
45,0 mm
100,0 mm
˜=
+
- DC output
A1
14
12
11
B2
B1
ZERO
SPAN
OUTPUT
A2
B3
Supply
A1
SUPPLY
TAMA
PT100
3 WIRE
+
-
B2
B1
A2
B3
SUPPLY
TAMB
PT100
3 WIRE
B2
B1
B3
A1
11 14
12
+
-
A2
A1
SUPPLY
TAMA
PT100
2 WIRE
+
-
B2
B1
A2
B3
SUPPLY
TAMB
PT100
2 WIRE
B2
B1
B3
A1
11 14
12
+
-
A2
Span 200 C°
OUTPUT
0 - 20 mA
4
0
0.2
0
2
-
-
-
-
-
20
1
1
10
10
mA
V
V
V
V
0 C°
OFFSET
OFFSET
ACTUATOR
SPAN 400 C°
SPAN 50 C°
SPAN 25 C°
INPUT
200 C°
0 C°
0 C°
0 C°
100 C°
50 C°
25 C°
+
±
±
±
±
±
±
±
±
Span 100 C°
PROGRAMMABLE FEATURES


Similar Part No. - TAMAB024DA3C

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
TAM-100A-J TALEMA-TAM-100A-J Datasheet
82Kb / 1P
AUI Ethernet Isolation Transformers
TAM-150A-J TALEMA-TAM-150A-J Datasheet
82Kb / 1P
AUI Ethernet Isolation Transformers
TAM-350A-J TALEMA-TAM-350A-J Datasheet
82Kb / 1P
AUI Ethernet Isolation Transformers
logo
List of Unclassifed Man...
TAM-3517 ETC2-TAM-3517 Datasheet
791Kb / 1P
System on Module
TAM-3517-I ETC2-TAM-3517-I Datasheet
791Kb / 1P
System on Module
More results

Similar Description - TAMAB024DA3C

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS2-16D FUJI-EDS2-16D Datasheet
253Kb / 4P
OPTICAL THERMOCOUPLE TEMPERATURE TRANSMITTER
EDS2-17 FUJI-EDS2-17 Datasheet
116Kb / 8P
OPTICAL TEMPERATURE TRANSMITTER
logo
FOTEK CONTROLS CO., LTD...
TR-2W-PT-100E FOTEK-TR-2W-PT-100E Datasheet
427Kb / 2P
Temperature transmitter
logo
Greystone Energy System...
PS-TE500H GREYSTONE-PS-TE500H Datasheet
207Kb / 2P
STACK TEMPERATURE TRANSMITTER
10/19
HTRC GREYSTONE-HTRC Datasheet
226Kb / 2P
ROOM HUMIDITY / TEMPERATURE TRANSMITTER
TXGL GREYSTONE-TXGL Datasheet
283Kb / 2P
GLASS TEMPERATURE TRANSMITTER
06/20
TXOB GREYSTONE-TXOB Datasheet
233Kb / 2P
OUTSIDE TEMPERATURE TRANSMITTER
06/20
TXOS GREYSTONE-TXOS Datasheet
244Kb / 2P
OUTSIDE TEMPERATURE TRANSMITTER
06/20
TXRC GREYSTONE-TXRC Datasheet
181Kb / 2P
ROOM TEMPERATURE TRANSMITTER
logo
Vaisala
HMT310 VAISALA-HMT310 Datasheet
585Kb / 3P
Humidity and Temperature Transmitter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com