Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4054B5F Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP4054B5F
Description  500mA Standalone Linear Li-Ion Battery Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4054B5F Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP4054B5F Datasheet HTML 1Page - Lowpower Semiconductor inc LP4054B5F Datasheet HTML 2Page - Lowpower Semiconductor inc LP4054B5F Datasheet HTML 3Page - Lowpower Semiconductor inc LP4054B5F Datasheet HTML 4Page - Lowpower Semiconductor inc LP4054B5F Datasheet HTML 5Page - Lowpower Semiconductor inc LP4054B5F Datasheet HTML 6Page - Lowpower Semiconductor inc LP4054B5F Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LP4054
Aug.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 7
Preliminary Datasheet
LP4054
Functional Pin Description
Package Type
Pin Configurations
SOT23-5
VIN
GND
STAT
BAT
ISET
1
2
3
4
5
Top View
Pin
Name
Description
1
CHRG
Open-Drain Charge Status Output. When the battery is charging, the CHRG pin is pulled
low by an internal N-channel MOSFET. When the LP4054 detects an under voltage lockout
condition or charge complete, CHRG is forced high impedance.
2
GND
Ground.
3
BAT
Charge Current Output. Provides charge current to the battery and regulates the final float
voltage to 4.2V. An internal precision resistor divider from this pin sets the float voltage .
4
VIN
Positive Input Supply Voltage.
5
ISET
Charge Current Program and Charge Current Monitor Pin. The charge current is
programmed by connecting a 1% resistor, RISET, to ground. When charging in
constant-current mode, this pin servos to 1V. In all modes, the voltage on this pin can be
used to measure the charge current using the following formula: IBAT=1000/RISET



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com