Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4054B5F Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP4054B5F
Description  500mA Standalone Linear Li-Ion Battery Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4054B5F Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP4054B5F Datasheet HTML 1Page - Lowpower Semiconductor inc LP4054B5F Datasheet HTML 2Page - Lowpower Semiconductor inc LP4054B5F Datasheet HTML 3Page - Lowpower Semiconductor inc LP4054B5F Datasheet HTML 4Page - Lowpower Semiconductor inc LP4054B5F Datasheet HTML 5Page - Lowpower Semiconductor inc LP4054B5F Datasheet HTML 6Page - Lowpower Semiconductor inc LP4054B5F Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LP4054
Aug.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 7
Preliminary Datasheet
LP4054
ESD Susceptibility
HBM(Human Body Mode) --------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode)----------------------------------------------------------------------------------------------------- 200V
Electrical Characteristics
(TA = 25℃. VIN = 5V, unless otherwise noted.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNITS
VIN
Adapter/USB Voltage Range
3.9
5
6
V
IIN
Input Supply Current
Charge Mode, RISET= 10K
300
1000
uA
Standby Mode (Charge Terminated)
50
200
VFLOAT
Regulated Output (Float) Voltage
0℃ ≤ TA ≤ 85℃, IBAT = 40mA
4.158
4.2
4.242
V
IBAT
BAT Pin Current
RISET = 10K,Current Mode
80
100
120
mA
RISET = 2K,Current Mode
400
500
600
Standby Mode, VBAT = 4.2V
Sleep Mode, VIN = 0V
0
±1
uA
VTRIKL
Trickle Charge Threshold Voltage
RISET = 10k, VBAT Rising
2.9
V
VTRHYS
Trickle Charge Hysteresis Voltage
RISET = 10K
100
mV
ITRIKL
Trickle charge current
VBAT < VTRIKL, RISET =10K
40
mA
VBAT < VTRIKL, RISET=2K
200
VUV
VIN Undervoltage Lockout Threshold
From VIN Low to High
3.7
3.8
3.9
V
VUVHYS
VIN Undervoltage Lockout Hysteresis
150
200
300
mV
VASD
VIN–VBAT Lockout Threshold Voltage
150
mV
VISET
ISET Pin Voltage
RISET = 10K,Charge Mode
1
V
VCHRG
CHRG Pin Output Low Voltage
ICHRG = 5mA
0.5
V
ΔVRECHRG
Recharge Battery Threshold Voltage
VFLOAT - VRECHRG
100
150
200
mV



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com