Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPW5210 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LPW5210
Description  1.5A Power Switch with Programmable Current Limit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPW5210 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LPW5210 Datasheet HTML 1Page - Lowpower Semiconductor inc LPW5210 Datasheet HTML 2Page - Lowpower Semiconductor inc LPW5210 Datasheet HTML 3Page - Lowpower Semiconductor inc LPW5210 Datasheet HTML 4Page - Lowpower Semiconductor inc LPW5210 Datasheet HTML 5Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LPW5210-03
Nov.-2012
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 5
Preliminary Datasheet
LPW5210
Absolute Maximum Ratings
Note 1
Input Voltage to GND --------------------------------------------------------------------------------------------------- 6.5V
Output Voltage to GND ------------------------------------------------------------------------------------------------ 6.5V
Other pin to GND ---------------------------------------------------------------------------------------------------------- 6V
Maximum Junction Temperature ---------------------------------------------------------------------------------- 150°C
Operating Ambient Temperature Range (TA) -------------------------------------------------------- -40℃ to 85°C
Maximum Soldering Temperature (at leads, 10 sec) ------------------------------------------------------ 260°C
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Thermal Information
Maximum Power Dissipation (SOT23-5, PD, TA=25°C) ----------------------------------------------------- 0.45W
Thermal Resistance (SOT23-5, θJA) ------------------------------------------------------------------------- 250℃/W
ESD Susceptibility
HBM(Human Body Mode) --------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode) --------------------------------------------------------------------------------------------------- 200V
Electrical Characteristics
(Over recommended operating conditions unless specified otherwise, TA=25℃ )
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN
Input Voltage
2.5
6
V
IOUT
Output Current Limited
RISET=10K
680
mA
RISET=6.8K
1000
RISET=4.53K
1500
RDS(ON)
Output N-MOSFET RDS(ON)
160
mΩ
IQ
Quiescent Current
VIN=3V
16
28
µA
ISHDN
Shutdown Current
VEN=GND
1
µA
VEN(L)
Enable Threshold Low
0.4
V
VEN(H)
Enable Threshold High
1.4
V
IEN
Input High Current
VIN=VEN=5.0V
5
µA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com