Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPW5210 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LPW5210
Description  1.5A Power Switch with Programmable Current Limit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPW5210 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LPW5210 Datasheet HTML 1Page - Lowpower Semiconductor inc LPW5210 Datasheet HTML 2Page - Lowpower Semiconductor inc LPW5210 Datasheet HTML 3Page - Lowpower Semiconductor inc LPW5210 Datasheet HTML 4Page - Lowpower Semiconductor inc LPW5210 Datasheet HTML 5Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LPW5210-03
Nov.-2012
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 5
Preliminary Datasheet
LPW5210
1.5A Power Switch with Programmable Current Limit
General Description
The LPW5210 is an integrated power switch for
self-powered and bus-powered Universal Series Bus
(USB) applications. A built-in charge pump is used to
drive the N-Channel MOSFET that is free of parasitic
body diode to eliminate any reversed current flow
across the switch when it is powered off. Its low
quiescent current (16μA) and small package (SOT23-5)
is particularly suitable in battery-powered portable
equipment.
Several protection functions include soft start to limit
inrush current during plug-in, current limiting at
1500mA to meet USB power requirement, and thermal
shutdown to protect damage under over current
conditions.
Order Information
LPW5210 □ □ □
F: Pb-Free
Package Type
B5: SOT23-5
Applications
Power Switch
USB Device
Battery Charger Circuits
Features
160mΩ Low RDS(ON), High-side N-MOSFET
1500mA Programmable current limit
2.5V to 6V Input Voltage
Low Quiescent Current:16μA
Soft Start Function
Built-In Short-Circuit Protection
Built-in Thermal Protection
RoHS Compliant and 100% Lead (Pb)-Free
Typical Application Circuit
Marking Information
Device
Marking
Package
Shipping
LPW5210
LPS
7WYWX
SOT23-5
3K/REEL
Marking indication:
Y:Production year W:Production week X:Production batch
VOUT
VIN
RSET
3
VOUT
1
GND
2
EN
4
VIN
5
LPW5210
Riset
6.8K
Cin
Cout


Similar Part No. - LPW5210

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LPW5213 POWER-LPW5213 Datasheet
269Kb / 5P
3A Smart Power Switch
More results

Similar Description - LPW5210

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4766 MAXIM-MAX4766 Datasheet
326Kb / 12P
0.075A to 1.5A, Programmable Current-Limit Switch
Rev 0; 10/04
logo
Richtek Technology Corp...
RT9722 RICHTEK-RT9722 Datasheet
320Kb / 14P
145m廓, 1.5A Power Switch with Programmable Current Limit
RT9728A RICHTEK-RT9728A Datasheet
222Kb / 13P
120m廓, 1.3A Power Switch with Programmable Current Limit
logo
Monolithic Power System...
MP5011 MPS-MP5011 Datasheet
833Kb / 12P
12V, 5A Switch with Programmable Current Limit
logo
Richtek Technology Corp...
RT9728C RICHTEK-RT9728C Datasheet
210Kb / 13P
Power Switch with Programmable Current Limit
logo
Rohm
BD82000FVJ-LB ROHM-BD82000FVJ-LB Datasheet
532Kb / 26P
1.5A Current Limit High Side Switch ICs
BD82020FVJ ROHM-BD82020FVJ Datasheet
622Kb / 24P
1.5A Current Limit High Side Switch ICs
BD82030FVJ ROHM-BD82030FVJ Datasheet
664Kb / 24P
1.5A Current Limit High Side Switch ICs
BD82031FVJ ROHM-BD82031FVJ Datasheet
666Kb / 24P
1.5A Current Limit High Side Switch ICs
logo
Lowpower Semiconductor ...
LPW5201 POWER-LPW5201 Datasheet
285Kb / 4P
Power Switch with Programmable Current Limit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com