Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DB233 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 9DB233
Description  TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB233 Datasheet(HTML) 3 Page - Renesas Technology Corp

  9DB233 Datasheet HTML 1Page - Renesas Technology Corp 9DB233 Datasheet HTML 2Page - Renesas Technology Corp 9DB233 Datasheet HTML 3Page - Renesas Technology Corp 9DB233 Datasheet HTML 4Page - Renesas Technology Corp 9DB233 Datasheet HTML 5Page - Renesas Technology Corp 9DB233 Datasheet HTML 6Page - Renesas Technology Corp 9DB233 Datasheet HTML 7Page - Renesas Technology Corp 9DB233 Datasheet HTML 8Page - Renesas Technology Corp 9DB233 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
9DB233
TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3
IDT®
TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3
3
9DB233
OCTOBER 20, 2016
Pin Descriptions
PIN #
PIN
NAME
PIN TYPE
DESCRIPTION
1
PLL_BW
IN
3.3V input for selecting PLL Band Width
0 = low, 1= high
2
SRC_IN
IN
0.7 V Differential SRC TRUE input
3
SRC_IN# IN
0.7 V Differential SRC COMPLEMENTARY input
4
vOE0#
IN
Active low input for enabling DIF pair 0. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
5
VDD
PWR
Power supply, nominal 3.3V
6
GND
PWR
Ground pin.
7
DIF_0
OUT
0.7V differential true clock output
8
DIF_0#
OUT
0.7V differential Complementary clock output
9
VDD
PWR
Power supply, nominal 3.3V
10
SMBDAT
I/O
Data pin of SMBUS circuitry, 5V tolerant
11
SMBCLK
IN
Clock pin of SMBUS circuitry, 5V tolerant
12
VDD
PWR
Power supply, nominal 3.3V
13
DIF_1#
OUT
0.7V differential Complementary clock output
14
DIF_1
OUT
0.7V differential true clock output
15
GND
PWR
Ground pin.
16
VDD
PWR
Power supply, nominal 3.3V
17
vOE1#
IN
Active low input for enabling DIF pair 1. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
18
IREF
OUT
This pin establishes the reference for the differential current-mode output
pairs. It requires a fixed precision resistor to ground. 475ohm is the standard
value for 100ohm differential impedance. Other impedances require
different values. See data sheet.
19
GNDA
PWR
Ground pin for the PLL core.
20
VDDA
PWR
3.3V power for the PLL core.
Pins preceeded by ' v ' have internal 120K ohm pull down resistors
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com