Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DB233 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 9DB233
Description  TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB233 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 9DB233 Datasheet HTML 10Page - Renesas Technology Corp 9DB233 Datasheet HTML 11Page - Renesas Technology Corp 9DB233 Datasheet HTML 12Page - Renesas Technology Corp 9DB233 Datasheet HTML 13Page - Renesas Technology Corp 9DB233 Datasheet HTML 14Page - Renesas Technology Corp 9DB233 Datasheet HTML 15Page - Renesas Technology Corp 9DB233 Datasheet HTML 16Page - Renesas Technology Corp 9DB233 Datasheet HTML 17Page - Renesas Technology Corp 9DB233 Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
9DB233
TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3
IDT®
TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3
15
9DB233
OCTOBER 20, 2016
Package Outline and Package Dimensions (20-pin TSSOP, 4.4mm Narrow Body)
Ordering Information
"LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
“A” is the device revision designator (will not correlate with the datasheet revision).
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes
no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No
other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications
such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not
recommended without additional processing by IDT. IDT does not authorize or warrant any IDT product for use in life support devices or
critical medical instruments.
INDEX
AREA
1 2
20
D
E1
E
SEATING
PLANE
A1
A
A2
e
- C -
b
aaa C
c
L
*For reference only. Controlling dimensions in mm.
Millimeters
Inches*
Symbol
Min
Max
Min
Max
A--
1.20
--
0.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.05
0.032
0.041
b
0.19
0.30
0.007
0.012
C
0.09
0.20
0.0035
0.008
D
6.40
6.60
0.252
0.260
E
6.40 BASIC
0.252 BASIC
E1
4.30
4.50
0.169
0.177
e
0.65 Basic
0.0256 Basic
L
0.45
0.75
0.018
0.030
0
8
0
8
aaa
--
0.10
--
0.004
Part / Order Number Shipping Packaging
Package
Temperature
9DB233AFLF
Tubes
20-pin SSOP
0 to +70°C
9DB233AFLFT
Tape and Reel
20-pin SSOP
0 to +70°C
9DB233AFILF
Tubes
20-pin SSOP
-40 to +85°C
9DB233AFILFT
Tape and Reel
20-pin SSOP
-40 to +85°C
9DB233AGLF
Tubes
20-pin TSSOP
0 to +70°C
9DB233AGLFT
Tape and Reel
20-pin TSSOP
0 to +70°C
9DB233AGILF
Tubes
20-pin TSSOP
-40 to +85°C
9DB233AGILFT
Tape and Reel
20-pin TSSOP
-40 to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com