Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM6892MS Datasheet(PDF) 22 Page - Sanken electric

Part # SIM6892MS
Description  600 V High Voltage 3-phase Motor Drivers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6892MS Datasheet(HTML) 22 Page - Sanken electric

Back Button SIM6892MS Datasheet HTML 18Page - Sanken electric SIM6892MS Datasheet HTML 19Page - Sanken electric SIM6892MS Datasheet HTML 20Page - Sanken electric SIM6892MS Datasheet HTML 21Page - Sanken electric SIM6892MS Datasheet HTML 22Page - Sanken electric SIM6892MS Datasheet HTML 23Page - Sanken electric SIM6892MS Datasheet HTML 24Page - Sanken electric SIM6892MS Datasheet HTML 25Page - Sanken electric SIM6892MS Datasheet HTML 26Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
SIM689xM Series
SIM689xM-DSE Rev.3.4
SANKEN ELECTRIC CO., LTD.
22
Mar. 05, 2024
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2021
VCC1
VB1B
VB3
W2
U
COM2
VCC2
COM1
W1
V1
VBB
V
VB2
VCC
CB1
CB3
CB2
M
MICs
5
6
16
17
23
24
26
28
30
31
37
20
19
HO1
HO2
HO3
DB1
DB2
DB3
RB1
RB2
RB3
VDC
CBP1
CBP3
CBP2
Figure 12-1.
Bootstrap Circuit
Figure 12-2 shows an internal level-shifting circuit. A
high-side output signal, HOx, is generated according to
an input signal on the HINx pin. When an input signal
on the HINx pin transits from low to high (rising edge),
a “Set” signal is generated. When the HINx input signal
transits from high to low (falling edge), a “Reset” signal
is generated. These two signals are then transmitted to
the high-side by the level-shifting circuit and are input to
the SR flip-flop circuit. Finally, the SR flip-flop circuit
feeds an output signal, Q (i.e., HOx).
Figure 12-3 is a timing diagram describing how noise
or other detrimental effects will improperly influence the
level-shifting process. When a noise-induced rapid
voltage drop between the VBx and output pins (U, V, or
W1; hereafter “VBx–HSx”) occurs after the Set signal
generation, the next Reset signal cannot be sent to the
SR flip-flop circuit. And the state of an HOx signal stays
logic high (or “H”) because the SR flip-flop does not
respond. With the HOx state being held high (i.e., the
high-side transistor is in an on-state), the next LINx
signal turns on the low-side transistor and causes a
simultaneously-on condition, which may result in
critical damage to the IC. To protect the VBx pin against
such a noise effect, add a bootstrap capacitor, CBx, in
each phase. CBx must be placed near the IC and be
connected between the VBx and HSx pins with a
minimal length of traces. To use an electrolytic capacitor,
add a 0.01 μF to 0.1 μF bypass capacitor, CBPx, in
parallel near these pins used for the same phase.
HINx
Input
logic
Pulse
generator
COM1
Set
Reset
HOx
VBx
HSx
S
R
Q
U1
16
Figure 12-2.
Internal Level-shifting Circuit
HINx
Set
Reset
VBx–HSx
Q
0
VBS(OFF)
0
0
0
0
VBS(ON)
Stays logic high
Figure 12-3.
Waveforms at VBx–HSx Voltage Drop
12.2.3
VCC1 and VCC2
These are the logic supply pins for the built-in control
MICs. The VCC1 and VCC2 pins must be externally
connected on a PCB because they are not internally
connected. To prevent malfunction induced by supply
ripples or other factors, put a 0.01 μF to 0.1 μF ceramic
capacitor, CP, near these pins. To prevent damage caused
by surge voltages, put an 18 V to 20 V Zener diode, DZ,
between the VCCx and COMx pins.
Voltages to be applied between the VCCx and COMx
pins should be regulated within the recommended
operational range of VCC, given in Section 0.
VCC1
COM2
VCC2
COM1
VCC
MIC
5
6
16
17
CP
DZ
CVCC
Figure 12-4.
VCCx Pin Peripheral Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com