Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM6892MS Datasheet(PDF) 33 Page - Sanken electric

Part # SIM6892MS
Description  600 V High Voltage 3-phase Motor Drivers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6892MS Datasheet(HTML) 33 Page - Sanken electric

Back Button SIM6892MS Datasheet HTML 29Page - Sanken electric SIM6892MS Datasheet HTML 30Page - Sanken electric SIM6892MS Datasheet HTML 31Page - Sanken electric SIM6892MS Datasheet HTML 32Page - Sanken electric SIM6892MS Datasheet HTML 33Page - Sanken electric SIM6892MS Datasheet HTML 34Page - Sanken electric SIM6892MS Datasheet HTML 35Page - Sanken electric SIM6892MS Datasheet HTML 36Page - Sanken electric SIM6892MS Datasheet HTML 37Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
SIM689xM Series
SIM689xM-DSE Rev.3.4
SANKEN ELECTRIC CO., LTD.
33
Mar. 05, 2024
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2021
15. Performance Curves
15.1 Performance Curves of Control Parts
Figure 15-1 to Figure 15-23 provide performance curves of the control parts integrated in the SIM689xM series,
including variety-dependent characteristics and thermal characteristics. TJ represents the junction temperature of the
control parts.
Table 15-1. Typical Characteristics of Control Parts
Figure Number
Figure Caption
Figure 15-1
Logic Supply Current, ICC vs. TC (INx = 0 V)
Figure 15-2
Logic Supply Current, ICC vs. TC (INx = 5 V)
Figure 15-3
VCCx Pin Voltage, VCC vs. Logic Supply Current, ICC
Figure 15-4
Logic Supply Current (1-phase) IBS vs. TC (HINx = 0 V)
Figure 15-5
Logic Supply Current (1-phase) IBS vs. TC (HINx = 5 V)
Figure 15-6
VBx Pin Voltage, VB vs. Logic Supply Current, IBS (HINx = 0 V)
Figure 15-7
Logic Operation Start Voltage, VBS(ON) vs. TC
Figure 15-8
Logic Operation Stop Voltage, VBS(OFF) vs. TC
Figure 15-9
Logic Operation Start Voltage, VCC(ON) vs. TC
Figure 15-10
Logic Operation Stop Voltage, VCC(OFF) vs. TC
Figure 15-11
UVLO_VB Filtering Time vs. TC
Figure 15-12
UVLO_VCC Filtering Time vs. TC
Figure 15-13
High Level Input Threshold Voltage, VIH vs. TC
Figure 15-14
Low Level Input Threshold Voltage, VIL vs. TC
Figure 15-15
Input Current at High Level (HINx or LINx), IIN vs. TC
Figure 15-16
High-side Turn-on Propagation Delay vs. TC (from HINx to HOx)
Figure 15-17
Low-side Turn-on Propagation Delay vs. TC (from LINx to LOx)
Figure 15-18
Minimum Transmittable Pulse Width for High-side Switching, tHIN(MIN) vs. TC
Figure 15-19
Minimum Transmittable Pulse Width for Low-side Switching, tLIN(MIN) vs. TC
Figure 15-20
OCP Threshold Voltage, VTRIP vs. TC
Figure 15-21
OCP Hold Time, tP vs. TC
Figure 15-22
OCP Blanking Time, tBK(OCP) + Propagation Delay, tD vs. TC
Figure 15-23
FO Pin Voltage in Normal Operation, VFOL vs. TC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com