Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPSCBQTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # S2-LPSCBQTR
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPSCBQTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button S2-LPSCBQTR Datasheet HTML 17Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 18Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 19Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 20Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 21Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 22Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 23Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 24Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
The integrated phase locked loop (PLL) is capable to synthesize a band of frequencies from 413 to 479 MHz, 826
to 958 MHz, providing the LO signal for the RX chain and the input signal for the PA in the TX chain.
Depending on the RF frequency and channel used, a very high accurate crystal or TCXO can be required.
The RF synthesizer implements fractional sigma delta architecture to allow fast settling and narrow channel
spacing. It is fully integrated, and it uses a multi-band VCO to cover the whole frequency range. All internal
calibrations are automatic.
According to the frequency synthesized the user must set the charge pump current according to the LO
frequency variations, in order to have a constant loop bandwidth. The charge pump current is controlled by
the PLL_CP_ISEL field (SYNT3 register) and the PLL_PFD_SPLIT_EN (SYNTH_CONFIG2). These fields should
be set in the following way:
Table 30. Charge pump words
VCO Freq (MHz)
fxo (MHz)
PLL_CP_ISEL
PLL_PFD_SPLIT_EN
ICP (μA)
3760
25
001
1
200
3460
25
010
1
240
The S2-LPS provides an automatic and very fast calibration procedure for the frequency synthesizer. If not
disabled, it performs the calibration each time the synthesizer is required to lock to the programmed RF channel
frequency (transaction from READY to LOCK/TX/RX or from RX to TX and vice versa). After completion, the
S2-LPS uses the calibration word and is stored in registers.
In order to get the synthesizer locked with the calibration procedure disabled, the correct calibration words must
be previously stored in registers by user for TX and RX respectively. The advantage is reduce the LOCK setting
time.
The transition time enables the S2-LPS for frequency hopping operation due to its reduced response time and
very quick programming synthesizer.
4.3.1
RF channel frequency settings
The channel center frequency can be programmed as follows:
Center frequency setting
fc=fbase+ fxo215∙CHSPACE ∙CHNUM
(5)
The fbase sets the main channel frequency; the value depends on the value of fxo (the frequency of the XTAL
oscillator, typically 26 MHz.
Base frequency setting
fbase= fxoB2∙D∙SYNT220
(6)
where:
SYNT is a programmable 28-bits integer (SYNT[3:0] registers).
B is the out-of-loop SYNTH divider (BS field of the SYNT3 register):
PLL divider
(7)
B= 4 for tℎe ℎigℎ band         826 MHz to 1055 MHz, BS=0
8 for tℎe middle band      413 MHz to 527 MHz, BS=1 
D is the reference divider (REFDIV bit of XO_RCO_CONFIG0 register)
Reference divider
D= 1 if REFDIV=0 internal reference divider is disabled
2 if REFDIV=1 internal
 reference divider is enabled 
(8)
The resolution in the programmed value of the base frequency depends on the actual band selected.
S2-LPS
RF synthesizer
DS13831 - Rev 1
page 21/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com