Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPSCBQTR Datasheet(PDF) 39 Page - STMicroelectronics

Part # S2-LPSCBQTR
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPSCBQTR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button S2-LPSCBQTR Datasheet HTML 35Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 36Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 37Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 38Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 39Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 40Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 41Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 42Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
•
Sync: the pattern that identify the start of the frame can be configured in value with a programmable length
from 0 to 32 bits, in steps of 1-bit length. The setting is done by the register SYNC_LENGTH. The S2LP
supports dual synchronization with a either a primary or a secondary synchronization word. The binary
content of the primary SYNC word is programmable through registers SYNCx (x= 0, 1, 2, 3). The binary
content of the secondary SYNC word is programmable through registers SEC_SYNCx (x= 0, 1, 2, 3),
note that such registers are in alternate use with address filtering registers. On the transmitter side either
the primary or the secondary word is transmitted according to the value of the SECONDARY_SYNC_SEL
register, in particular if SECONDARY_SYNC_SEL = 0 then the primary synchronization word is transmitted;
if SECONDARY_SYNC_SEL = 1 then the secondary synchronization word is transmitted. On the receiver
side, the primary synchronization word is always enabled. The search for the secondary synchronization
word can be enabled setting SECONDARY_SYNC_SEL = 1b. In this case, both the binary patterns are
searched for and both of them can trigger the start of payload demodulation. The SQI[5:0] value reported
in the LINQ_QUALIF register is the maximum between the SQI of the primary and secondary words.
The bit SQI[6] indicates which synchronization word has been detected: in particular, if the secondary
synchronization word has been detected then the SQI[6] = 1b otherwise if the primary synchronization
word has been detected then SQI[6] = 0b. The binary pattern programmed in SYNCx (or SEC_SYNCx) is
transmitted on air starting with the most significant bit of x = 1, to the least significant bit of x = 4 according to
the programmed synchronization word length.
•
Length: The device supports both fixed and variable packet length transmission from 0 to 65535 bytes. On
the transmitting device, the packet length is always set by using the two registers PCKTLENx (x= 1, 2) as:
PCKTLEN1 × 256 + PCKTLEN0. On the receiving device, if FIX_VAR_LEN register is set to ‘1’, the packet
length is directly extracted from the field Length of the received packet itself. If the register FIX_VAR_LEN
= 0b the Length field of the received packet is not used, because is already known from the registers
PCKTLENx (x= 1, 2) as for the transmitter. For the basic and stack packet formats, the number of address
bytes is also counted in the packet length value. CRC is excluded. Furthermore, when variable packet
length is used (FIX_VAR_LEN=1b), the width of the binary field transmitted, must be configured through the
LEN_WID register in the following way:
–
If the packet length is from 0 to 255 bytes (payload + address field), then LEN_WID = 0b (1 byte length
field transmitted).
–
If the packet length is from 0 to 65535 bytes (payload + address field), then LEN_WID = 1b (2 bytes
length field transmitted).
•
Destination address: can be enabled or no by the register ADDRESS_LEN. If enabled,
ADDRESS_LEN=1b, its size is 1 byte. The destination address field is read from the register
RX_SOURCE_ADDR (TX only). The receiver uses this field to perform automatic filtering on its value
programmed in TX_SOURCE_ADDR (RX only).
•
Payload: the main data from transmitter with a max length up to 65535 supported by the embedded
automatic packet handler.
•
CRC: can optionally be calculated on the transmitted data (Length field, Address field and Payload) and
appended at the end of the payload (see Section 6.5.1 CRC).
•
Postamble: The packet postamble allows inserting a certain number of ‘01’ bit pairs at the end of the data
packet. The number of postamble bit pairs can be set through the MBUS_PSTMBL register.
6.2
UART over the air packet format
Table 46. UART over the air packet format
Preamble
Sync
Payload
0:2046 bits
0:32 bits
0:65535 bytes
When this format is selected, a start bit and a stop bit can be programmed to be added to each byte of the TX
FIFO. Such start and stop bits are automatically removed from the received payload before written to the RX
FIFO. Start and stop bits are not added to the SYNC word.
Also, the BYTE_SWAP bit can be set in order to send the FIFO bytes in LSbit first (default is indeed MSbit first).
The actual binary value of the start and stop bit can be set through the START_BIT and the STOP_BIT fields of
the PCKTCTRL2 register.
S2-LPS
UART over the air packet format
DS13831 - Rev 1
page 39/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com