Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV524 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSV524
Description  High merit factor (1.15 MHz for 45 μA) rail-to-rail 5 V op amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV524 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSV524 Datasheet HTML 6Page - STMicroelectronics TSV524 Datasheet HTML 7Page - STMicroelectronics TSV524 Datasheet HTML 8Page - STMicroelectronics TSV524 Datasheet HTML 9Page - STMicroelectronics TSV524 Datasheet HTML 10Page - STMicroelectronics TSV524 Datasheet HTML 11Page - STMicroelectronics TSV524 Datasheet HTML 12Page - STMicroelectronics TSV524 Datasheet HTML 13Page - STMicroelectronics TSV524 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Figure 12. Bode diagram at VCC = 5.5 V, RL = 2 kΩ
1
10
100
1000
10000
-60
-40
-20
0
20
40
60
-350
-300
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
350
Frequency (kHz)
Phase
VCC = 5.5 V, Vicm = 2.75 V, G = -100
, C L = 100 pF, V rl = VCC/2
T = -40 °C
T = 25 °C
AM00470
Gain
T = 125 °C
Figure 13. Noise vs. frequency
100
1000
10000
0
50
100
150
200
250
300
350
400
450
Frequency (Hz)
VCC = 5.5 V, Vicm = 2.75 V
Tamb = 25 °C
AM00471
Figure 14. Positive slew rate vs. supply voltage
3.0
3.0
3.5
3.5
4.0
4.0
4.5
4.5
5.0
5.0
5.5
5.5
0.6
0.6
0.7
0.7
0.8
0.8
0.9
0.9
1.0
1.0
, C L = 100 pF
Vin: from 0.3 V to VCC -0.3 V
SR calculated from 10% to 90%
T = 125 °C
T = 25 °C
T = -40 °C
Supply voltage (V)
AM00472
Figure 15. Negative slew rate vs. supply voltage
Figure 16. THD+N vs. frequency at VCC = 2.7 V
100
1000
10000
1E-3
0.01
0.1
1
Vin = 1 Vpp
Gain = 1
Vicm = VCC/2
Frequency (Hz)
AM00474
Figure 17. THD+N vs. frequency at VCC = 5.5 V
100
1000
10000
1E-3
0.01
0.1
1
Vin = 1 Vpp
Gain = 1
Vicm = VCC/2
Frequency (Hz)
AM00475
TSV521, TSV522, TSV524,TSV521A, TSV522A, TSV524A
Typical performance characteristics
DS8862 - Rev 4
page 10/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com