Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV524 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSV524
Description  High merit factor (1.15 MHz for 45 μA) rail-to-rail 5 V op amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV524 Datasheet(HTML) 1 Page - STMicroelectronics

  TSV524 Datasheet HTML 1Page - STMicroelectronics TSV524 Datasheet HTML 2Page - STMicroelectronics TSV524 Datasheet HTML 3Page - STMicroelectronics TSV524 Datasheet HTML 4Page - STMicroelectronics TSV524 Datasheet HTML 5Page - STMicroelectronics TSV524 Datasheet HTML 6Page - STMicroelectronics TSV524 Datasheet HTML 7Page - STMicroelectronics TSV524 Datasheet HTML 8Page - STMicroelectronics TSV524 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Features
•
Gain bandwidth product: 1.15 MHz typ. at 5 V
•
Low power consumption: 45 μA typ. at 5 V
•
Rail-to-rail input and output
•
Low input bias current: 1 pA typ.
•
Supply voltage: 2.7 to 5.5 V
•
Low offset voltage: 800 μV max.
•
Unity gain stable on 100 pF capacitor
•
AEC-Q100 qualified
•
Benefits:
–
Increased lifetime in battery powered applications
–
Easy interfacing with high impedance sensors
Applications
•
Battery powered applications
•
Portable devices
•
Automotive signal conditioning
•
Active filtering
•
Medical instrumentation
Description
The TSV52x and TSV52xA series of operational amplifiers offer low voltage
operation and rail-to rail input and output. The TSV521 device is the single version,
the TSV522 device the dual version, and the TSV524 device the quad version, with
pinouts compatible with industry standards.
The TSV52x and TSV52xA series offer an outstanding speed/power consumption
ratio, 1.15 MHz gain bandwidth product while consuming only 45 μA at 5 V. The
devices are housed in the smallest industrial packages.
These features make the TSV52x, TSV52xA family ideal for sensor interfaces,
battery supplied and portable applications. The wide temperature range and high
ESD tolerance facilitate their use in harsh automotive applications.
Maturity
status link
Package
TSV521
1
SC70-5
TSV521A
1
•
SC70-5
TSV522
2
DFN8 2x2
•
MiniSO8
TSV522A
2
•
DFN8 2x2
•
•
MiniSO8
TSV524
4
QFN16 3x3
•
TSSOP14
TSV524A
4
•
QFN16 3x3
•
•
TSSOP14
Related products
TSV631,
TSV632, TSV634
Lower minimum
supply voltage (1.5 V)
LMV821,
LMV822,
LMV824
Higher gain
bandwidth products
(5.5 MHz)
High merit factor (1.15 MHz for 45 μA) rail-to-rail 5 V op amp
TSV521, TSV522, TSV524
TSV521A, TSV522A, TSV524A
Datasheet
DS8862 - Rev 4 - November 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TSV524

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV524 STMICROELECTRONICS-TSV524 Datasheet
749Kb / 27P
High merit factor (1.15 MHz for 45 μA) CMOS op amps
19-Jun-2012
TSV524A STMICROELECTRONICS-TSV524A Datasheet
749Kb / 27P
High merit factor (1.15 MHz for 45 μA) CMOS op amps
19-Jun-2012
More results

Similar Description - TSV524

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6271 MICROCHIP-MCP6271 Datasheet
596Kb / 34P
170 UA, 2 MHz Rail-to-Rail Op Amp
2004
MCP6291 MICROCHIP-MCP6291 Datasheet
589Kb / 32P
1.0 mA, 10 MHz Rail-to-Rail Op Amp
2007
MCP6281 MICROCHIP-MCP6281 Datasheet
580Kb / 32P
450 UA, 5 MHz Rail-to-Rail Op Amp
2004
MCP6281 MICROCHIP-MCP6281_08 Datasheet
656Kb / 36P
450 關A, 5 MHz Rail-to-Rail Op Amp
2008
MCP6291 MICROCHIP-MCP6291 Datasheet
689Kb / 36P
1.0 mA, 10 MHz Rail-to-Rail Op Amp
2007
logo
STMicroelectronics
TSV522IST STMICROELECTRONICS-TSV522IST Datasheet
749Kb / 27P
High merit factor (1.15 MHz for 45 μA) CMOS op amps
19-Jun-2012
logo
Microchip Technology
MCP6292T-E MICROCHIP-MCP6292T-E Datasheet
570Kb / 36P
1.0 mA, 10 MHz Rail-to-Rail Op Amp
10/05/07
logo
STMicroelectronics
TSV792 STMICROELECTRONICS-TSV792 Datasheet
5Mb / 36P
High bandwidth (50 MHz) low offset (200 μV) rail-to-rail 5 V op-amp
Rev 1 - November 2020
TSV771 STMICROELECTRONICS-TSV771 Datasheet
3Mb / 32P
High bandwidth (20 MHz) low offset (200 μV) rail-to-rail 5 V Op Amp
TSV782 STMICROELECTRONICS-TSV782 Datasheet
8Mb / 32P
High bandwidth (30 MHz) low offset (200 μV) rail-to-rail 5 V op amp
19-Dec-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com