Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV524A Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSV524A
Description  High merit factor (1.15 MHz for 45 μA) rail-to-rail 5 V op amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV524A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSV524A Datasheet HTML 5Page - STMicroelectronics TSV524A Datasheet HTML 6Page - STMicroelectronics TSV524A Datasheet HTML 7Page - STMicroelectronics TSV524A Datasheet HTML 8Page - STMicroelectronics TSV524A Datasheet HTML 9Page - STMicroelectronics TSV524A Datasheet HTML 10Page - STMicroelectronics TSV524A Datasheet HTML 11Page - STMicroelectronics TSV524A Datasheet HTML 12Page - STMicroelectronics TSV524A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Figure 6. Input offset voltage vs. temperature at VCC = 5 V
-40
-20
00
20
40
60
80
100
120
-3000
-2500
-2000
-1500
-1000
-500
00
500
1000
1500
2000
2500
3000
Limit for TSV52X
VCC = 5 V, Vicm = 2.5 V
Limit for TSV52xA
AM00464
Figure 7. Output current vs. output voltage at VCC = 2.7 V
0.0
0.3
0.5
0.8
1.0
1.3
1.5
1.5
1.8
2.0
2.3
2.5
2.5
-30
-20
-10
0
10
20
30
T = -40 °C
T = 25 °C
T = 125 °C
T = -40 °C
VCC = 2.7 V
T = 125 °C
T = 25 °C
Output voltage (V)
AM00465
Figure 8. Output current vs. output voltage at VCC = 5.5 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
-75
-50
-25
00
25
50
50
75
T = -40 °C
T = 25 °C
T = 125 °C
T = -40 °C
VCC = 5.5 V
T = 125 °C T = 25 °C
Output voltage (V)
AM00466
Figure 9. Bode diagram at VCC = 2.7 V, RL = 10 kΩ
1
10
100
1000
10000
-40
-20
0
20
40
-350
-300
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
350
Fre que ncy (kHz)
Ga in
P ha s e
VCC = 2.7 V, Vicm = 1.35 V, G = -100
, CL = 100 p F, Vrl = VCC/2
T = 1 25 °C
T = -40 °C
T = 2 5 °C
AM00467
Figure 10. Bode diagram at VCC = 2.7 V, RL = 2 kΩ
1
10
100
1000
10000
-40
-20
0
20
40
-350
-300
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
350
Fre que ncy (kHz)
Ga in
P ha s e
VCC = 2.7 V, Vicm = 1.35 V, G = -100
 , CL = 100 pF, Vrl = VCC/2
T = 1 25 °C
T = -40 °C
T = 2 5° C
AM00468
Figure 11. Bode diagram at VCC = 5.5 V, RL = 2 kΩ
1
10
100
1000
10000
-60
-40
-20
0
20
40
60
-350
-300
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
350
Fre que ncy (kHz)
Ga in
P ha s e
VCC = 5.5 V, Vicm = 2.75 V, G = -100
 , CL = 100 pF, Vrl = VCC/2
T = 1 25 °C
T = -40 °C
T = 2 5 °C
AM00469
TSV521, TSV522, TSV524,TSV521A, TSV522A, TSV524A
Typical performance characteristics
DS8862 - Rev 4
page 9/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com