Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV524A Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSV524A
Description  High merit factor (1.15 MHz for 45 μA) rail-to-rail 5 V op amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV524A Datasheet(HTML) 2 Page - STMicroelectronics

  TSV524A Datasheet HTML 1Page - STMicroelectronics TSV524A Datasheet HTML 2Page - STMicroelectronics TSV524A Datasheet HTML 3Page - STMicroelectronics TSV524A Datasheet HTML 4Page - STMicroelectronics TSV524A Datasheet HTML 5Page - STMicroelectronics TSV524A Datasheet HTML 6Page - STMicroelectronics TSV524A Datasheet HTML 7Page - STMicroelectronics TSV524A Datasheet HTML 8Page - STMicroelectronics TSV524A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
1
Package pin connections
Figure 1. Pin connections for each package (top view)
13
14
15
16
VCC
IN1+
1
VCC
IN4+
12
NC
VCC+
2
3
NC
NC
VCC-
10
11
IN2+
4
9
IN3+
5
6
7
8
OUT1
VCC+
1
8
IN1-
2
OUT2
7
IN1+
3
IN2-
6
IN1+
IN2
3
5
VCC
4
IN2
6
IN2+
5
VCC-
4
OUT1
VCC+
1
8
IN1-
2
OUT2
7
IN1+
3
IN2-
6
NC
IN1+
3
IN2-
6
IN2+
5
VCC-
4
IN+
VCC+
1
5
VCC-
2
IN-
OUT
3
4
TSV522
DFN8
TSV524
TSSOP14
TSV521
SC70-5
TSV524
QFN16
TSV522
MiniSO8
Note:
The exposed pads of the DFN8 (2x2) and QFN16 (3x3) can be connected to VCC- or left floating.
TSV521, TSV522, TSV524,TSV521A, TSV522A, TSV524A
Package pin connections
DS8862 - Rev 4
page 2/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com