Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

218-12LPSTRF Datasheet(PDF) 1 Page - CTS Corporation

Part # 218-12LPSTRF
Description  SMT Half Pitch DIP Switch-Auto Placeable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

218-12LPSTRF Datasheet(HTML) 1 Page - CTS Corporation

  218-12LPSTRF Datasheet HTML 1Page - CTS Corporation 218-12LPSTRF Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Series 218 SMT DIP
®
n
o
it
c
n
u
F
h
c
ti
w
S
SPST - 2, 4, 6, 8, 12 positions
e
c
n
a
t
s
i
s
e
R
t
c
a
t
n
o
C
h
c
ti
w
S
l
a
it
i
n
i
m
u
m
i
x
a
m
s
m
h
o
ill
i
m
0
0
1
e
fi
l
f
o
d
n
e
t
a
m
u
m
i
x
a
m
s
m
h
o
ill
i
m
0
0
1
e
c
n
a
t
s
i
s
e
R
n
o
it
a
l
u
s
n
I
100 megohms minimum between
h
t
g
n
e
rt
S
c
ir
t
c
e
l
e
i
D
350 VAC for 1 minute between
adjacent swithces
g
n
it
a
R
g
n
i
h
c
ti
w
s
n
o
N
m
u
m
i
x
a
m
C
D
V
0
5
r
o
A
m
0
0
1
e
c
n
a
ti
c
a
p
a
C
h
c
ti
w
S
closed switches
t
n
e
c
a
j
d
a
n
e
e
w
t
e
b
m
u
m
i
x
a
m
F
p
0
1
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
C
°
5
8
+
o
t
C
°
5
5
-
e
fi
L
n
o
it
a
u
t
c
A
C
D
V
4
2
@
A
m
5
2
g
n
i
h
c
ti
w
s
s
e
l
c
y
c
0
0
0
,
1
y
ti
r
a
n
a
l
p
o
C
m
u
m
i
x
a
m
"
4
0
0
./
m
m
1
.
0
f
o
y
ti
r
a
n
a
l
p
o
C
n
o
it
a
r
b
i
V
Per MIL-STD-202G, method 204D, condition B
h
ti
w
)
z
H
K
2
o
t
Z
H
0
1
n
e
e
w
t
e
b
s
’
G
5
1
r
o
"
6
0
.(
1
n
a
h
t
r
e
t
a
e
r
g
s
e
i
c
n
e
t
s
i
s
n
o
c
n
i
t
c
a
t
n
o
c
o
n
.
d
n
o
c
e
s
o
r
c
i
m
k
c
o
h
S
r
e
t
a
e
r
g
s
e
i
c
n
e
t
s
i
s
n
o
c
n
i
t
c
a
t
n
o
c
o
n
h
ti
w
)
s
’
G
0
5
(
.
d
n
o
c
e
s
o
r
c
i
m
1
n
a
h
t
g
n
il
a
e
S
l
a
e
s
m
o
tt
o
b
d
r
a
d
n
a
t
S
l
a
e
s
e
p
a
t
p
o
t
l
a
n
o
it
p
O
g
n
i
k
r
a
M
S
T
C
tl
u
s
n
o
c
-
e
l
b
a
li
a
v
a
g
n
i
k
r
a
m
l
a
i
c
e
p
S
Electrical and Mechanical Specifications
P
I
D
h
c
ti
P
fl
a
H
T
M
S
o
t
u
A
–
h
c
ti
w
S
e
l
b
a
e
c
a
l
P
Features
Optimized Mechanical Features
• Removable tape seal to withstand IR vapor phase
or wave soldering temperatures and board washing
• Gull-wing and "J" bend terminal configurations
• Low profile actuators prevent accidental actuation
Optimized Contact System
• Redundant, wiping contact
• Contactor does not deflect during actuation
• 0.6 mm/.024" actuator travel
Materials
•
• High temperature materials (UL94V-0)
Gold flash coated terminals
• RoHS Compliant
• Gold plated beryllium copper contacts
•
e
l
b
a
li
a
v
a
n
o
it
a
r
u
g
if
n
o
c
T
S
P
S
Packaging
Standard : Anti-static tube packaging
Tape and reel packaging
:
l
a
n
o
it
p
O
Allowable Solder Time
Up to 60 seconds at 260°C
1 - 2
CTS Electronic Components
www.ctscorp.com
insulated terminals
Per MIL-STD-202G, method 213B, condition A
© 2008 CTS Corporation. All rights reserved. Information subject to change.
2/19/08


Similar Part No. - 218-12LPSTRF

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
218-12LPSTRF CTS-218-12LPSTRF Datasheet
1Mb / 6P
Half Pitch, SMD DIP Switch
2020-7-1 Rev. B
More results

Similar Description - 218-12LPSTRF

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
218 CTS-218 Datasheet
101Kb / 2P
SMT half pitch DIP switch-Auto placeable
219 CTS-219 Datasheet
94Kb / 2P
Surface mount DIP Switch-Auto Placeable
219-6MST CTS-219-6MST Datasheet
289Kb / 2P
Surface Mount DIP Switch ??Auto Placeable
218-02LPST CTS-218-02LPST Datasheet
324Kb / 2P
SMT Half Pitch DIP Switch?밃uto Placeable
219-4LPST CTS-219-4LPST Datasheet
289Kb / 2P
Surface Mount DIP Switch ??Auto Placeable
219-6LPST CTS-219-6LPST Datasheet
289Kb / 2P
Surface Mount DIP Switch ??Auto Placeable
219-8LPST CTS-219-8LPST Datasheet
289Kb / 2P
Surface Mount DIP Switch ??Auto Placeable
219-5LPST CTS-219-5LPST Datasheet
289Kb / 2P
Surface Mount DIP Switch ??Auto Placeable
218-2LPSTR CTS-218-2LPSTR Datasheet
324Kb / 2P
SMT Half Pitch DIP Switch?밃uto Placeable
219-3MSTR CTS-219-3MSTR Datasheet
289Kb / 2P
Surface Mount DIP Switch Auto Placeable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com