Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX-08 Datasheet(PDF) 1 Page - FLEXTRAL

Part # LX-08
Description  LX 100R3 Rubber Cover Fabric Braid
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

LX-08 Datasheet(HTML) 1 Page - FLEXTRAL

  LX-08 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LX 100R3 Rubber Cover Fabric Braid
Meets or exceeds the requirements of SAE 100R3.
Tube: Black, oil and heat-resistant synthetic rubber
Reinforcement: Two braids of synthetic yarn
Cover: Black, oil abrasion and weather resistant synthetic rubber
Temperature: -40°C to +100°C (-40°F to +212°F)
Packaging: Reels
Application: Petroleum based hydraulic fluids and pneumatic service.
PART
NUMBER
HOSE
I.D.
HOSE
O.D.
MAX
W.P.
MIN. BURST
PRESSURE
MIN. BEND
RADIUS
WEIGHT ONE PIECE
(in)
(in)
(mm)
(psi)
(psi)
(in)
(mm)
(lbs/ft)
COUPLINGS
LX-04
Z\v
0.56
14.3
1,250
5,000
3.0
76
0.12
E
LX-06
C\,
0.75
19.0
1,125
4,500
4.0
102
0.17
E, N
LX-08
Z|x
0.94
23.8
1,000
4,000
5.0
127
0.25
E, N
www.
.com
V04.21


Similar Part No. - LX-08

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LX-100 PANASONIC-LX-100 Datasheet
1Mb / 12P
Amplifier Built-in Digital Mark Sensor LX-100 SERIES
2022.6
logo
MRV Communications, Inc...
LX-1000T MRV-LX-1000T Datasheet
559Kb / 2P
LX Series
LX-1001S-101AC MRV-LX-1001S-101AC Datasheet
189Kb / 2P
1000S Console Servers
LX-1002S-001AC MRV-LX-1002S-001AC Datasheet
189Kb / 2P
1000S Console Servers
LX-1004S-001POE MRV-LX-1004S-001POE Datasheet
189Kb / 2P
1000S Console Servers
More results

Similar Description - LX-08

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
PRS5G AMCC-PRS5G Datasheet
276Kb / 4P
Switch Fabric
PRS16G AMCC-PRS16G Datasheet
344Kb / 3P
Switch Fabric
PRS80G AMCC-PRS80G Datasheet
349Kb / 4P
Switch Fabric
PRSQ-80G AMCC-PRSQ-80G Datasheet
368Kb / 4P
Switch Fabric
logo
Glenair, Inc.
780-510 GLENAIR-780-510 Datasheet
139Kb / 2P
?쏮arshal Bean??Protective Rubber Cover Universal Rectangular
780-518 GLENAIR-780-518 Datasheet
121Kb / 1P
?쏮arshal Bean??Protective Rubber Cover Universal D-Subminiature
780-522 GLENAIR-780-522 Datasheet
49Kb / 1P
?쏮arshal Bean??Protective Rubber Cover Universal PLUG Cover
780-544 GLENAIR-780-544 Datasheet
122Kb / 1P
?쏮arshal Bean??Protective Rubber Cover Universal RECEPTACLE Cover
logo
List of Unclassifed Man...
LSW4-GT-8EP_W-TW ETC2-LSW4-GT-8EP_W-TW Datasheet
382Kb / 1P
Switching Fabric
logo
Renesas Technology Corp
89TSF500 RENESAS-89TSF500 Datasheet
878Kb / 38P
Switch Fabric
April 13, 2005
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com