Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN8034SSC-R1B Datasheet(PDF) 8 Page - Wuxi Chipown Micro-electronics limited

Part # PN8034SSC-R1B
Description  High-performance non-isolated AC/DC conversion chip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

PN8034SSC-R1B Datasheet(HTML) 8 Page - Wuxi Chipown Micro-electronics limited

Back Button PN8034SSC-R1B Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited PN8034SSC-R1B Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited PN8034SSC-R1B Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited PN8034SSC-R1B Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited PN8034SSC-R1B Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited PN8034SSC-R1B Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited PN8034SSC-R1B Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited PN8034SSC-R1B Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited PN8034SSC-R1B Datasheet HTML 10Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PN8034
Chipown
www.chipown.com
© 2018 无锡芯朋微电子股份有限公司
Rev.1801
2018 年 1 月
8 / 10
SOP-7 封装外形及尺寸
尺寸
符号
最小
(mm)
正常
(mm)
最大
(mm)
尺寸
符号
最小
(mm)
正常
(mm)
最大
(mm)
A
1.35
1.55
1.75
L
0.45
0.60
0.80
A1
0.10
0.15
0.25
L1
1.04REF
A2
1.25
1.40
1.65
L2
0.25BSC
A3
0.50
0.60
0.70
R
0.07
—
—
b
0.38
—
0.51
R1
0.07
—
—
b1
0.37
0.42
0.47
h
0.30
0.40
0.50
c
0.17
—
0.25
θ
0°
—
8°
c1
0.17
0.20
0.23
θ1
15°
17°
19°
D
4.80
4.90
5.00
θ2
11°
13°
15°
E
5.80
6.00
6.20
θ3
15°
17°
19°
E1
3.80
3.90
4.00
θ4
11°
13°
15°
e
1.270(BSC)
表层丝印
封装
PN8034
YWWXXXXX
SOP-7
备注:
Y:年份代码; WW:周代码; XXXXX:内部代码
备注
:
1. 此制图可以不经通知进行调整;
2. 器件本体尺寸不含模具飞边;



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com