Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN8034SSC-R1B Datasheet(PDF) 2 Page - Wuxi Chipown Micro-electronics limited

Part # PN8034SSC-R1B
Description  High-performance non-isolated AC/DC conversion chip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

PN8034SSC-R1B Datasheet(HTML) 2 Page - Wuxi Chipown Micro-electronics limited

  PN8034SSC-R1B Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited PN8034SSC-R1B Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited PN8034SSC-R1B Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited PN8034SSC-R1B Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited PN8034SSC-R1B Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited PN8034SSC-R1B Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited PN8034SSC-R1B Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited PN8034SSC-R1B Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited PN8034SSC-R1B Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PN8034
Chipown
www.chipown.com
© 2018 无锡芯朋微电子股份有限公司
Rev.1801
2018 年 1 月
2 / 10
管脚定义
管脚名
管脚标号
管脚功能描述
DIP-7
SOP-7
GND
1,2
1,2
NC
3
-
空脚
VDD
4
3
芯片电源脚
NC
5
4,5
空脚
(可接SW高压脚)
SW
6,7
6,7
高压
MOSFET漏极脚
典型功率
产品型号
输入电压
稳态功率(1)
峰值功率(2)
PN8034 SOP-7
150-265 VAC
3W(12V250mA)
4.2W(12V350mA)
85-265 VAC
2.4W(12V200mA)
3.6W(12V300mA)
PN8034 DIP-7
150-265 VAC
3.6W(12V300mA)
4.8W(12V400mA)
85-265 VAC
3.0W(12V250mA)
4.2W(12V350mA)
备注:
1. 稳态功率在半封闭式 75°C 环境下测试(Buck/Buck-boost 应用),持续时间大于 2 小时。
2. 峰值功率在半封闭式 75°C 环境下测试(Buck/Buck-boost 应用),持续时间大于 1min。
功能框图



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com