Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IG055100 Datasheet(PDF) 24 Page - YAMAHA CORPORATION

Part # IG055100
Description  STEREO AMPLIFIER SERVICE MANUAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

IG055100 Datasheet(HTML) 24 Page - YAMAHA CORPORATION

Back Button IG055100 Datasheet HTML 20Page - YAMAHA CORPORATION IG055100 Datasheet HTML 21Page - YAMAHA CORPORATION IG055100 Datasheet HTML 22Page - YAMAHA CORPORATION IG055100 Datasheet HTML 23Page - YAMAHA CORPORATION IG055100 Datasheet HTML 24Page - YAMAHA CORPORATION IG055100 Datasheet HTML 25Page - YAMAHA CORPORATION IG055100 Datasheet HTML 26Page - YAMAHA CORPORATION IG055100 Datasheet HTML 27Page - YAMAHA CORPORATION IG055100 Datasheet HTML 28Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
AX-496/396
31
*
V5012200 P.C.B.
MAIN(RT)
*
V5012300 P.C.B.
MAIN(B)
*
V5012400 P.C.B.
MAIN(G)
CB501 Vi878900
CN.BS.PIN
11P
01
CB502 Vi878400
CN.BS.PIN
6P
CB503 VK024700 CN.BS.PIN
3P
01
CB504 Vi878100
CN.BS.PIN
3P
01
CB505 VP206500 HOLDER.FUS EYF-52BC(G)
01
s CB506 VG879900 CN.BS.PIN
2P
01
CB507 VP206500 HOLDER.FUS EYF-52BC(G)
01
CB508 VP206500 HOLDER.FUS EYF-52BCT
01
CB509 VP206500 HOLDER.FUS EYF-52BCT
01
CB510 VP206500 HOLDER.FUS EYF-52BC(RT)
01
CB511 VP206500 HOLDER.FUS EYF-52BC(RT)
01
C501
UR848100 C.EL
100uF
25V
C502
UR749100 C.EL
1000uF
25V
02
C503
UR848220 C.EL
220uF
25V
C504
UR848220 C.EL
220uF
25V
C505
UR848100 C.EL
100uF
25V
C506
UR868330 C.EL
330uF
50V
C507
VG287600 C.EL
100uF
25V
01
C508
UU137100 C.EL
10uF
16V
C509
UA952100 C.MYLAR
100pF
50V
01
C510
UA954100 C.MYLAR
0.01uF
50V
01
C511
UA952100 C.MYLAR
100pF
50V
01
C512
UU137100 C.EL
10uF
16V
C513
UA952100 C.MYLAR
100pF
50V
01
C514
VM645500 C.PP
15uF
200V
02
C515
VG291400 C.EL
220uF
50V
01
C516
UA953100 C.MYLAR
1000pF
50V
03
C517
VK534000 C.PP
220pF
200V
01
C518
UA953100 C.MYLAR
1000pF
50V
03
C519
VG291400 C.EL
220uF
50V
01
C520
UA952100 C.MYLAR
100pF
50V
01
C521
VM645500 C.PP
15uF
200V
02
C523
UA952100 C.MYLAR
100pF
50V
01
C524
UU137100 C.EL
10uF
16V
*
C525
Vi550600
C.MYLAR.ML
0.1uF
50V
01
C526
UA952100 C.MYLAR
100pF
50V
01
C527
VK347900 C.EL
470uF
63V
02
C528
UA952100 C.MYLAR
100pF
50V
01
*
C529
Vi550600
C.MYLAR.ML
0.1uF
50V
01
C530
UU137100 C.EL
10uF
16V
C531
UA952100 C.MYLAR
100pF
50V
01
C532
UR868330 C.EL
330uF
50V
C533
UR866470 C.EL
4.7uF
50V
01
*
C534
Vi550600
C.MYLAR.ML
0.1uF
50V
01
C535
UA954680 C.MYLAR
0.068uF 50V
01
C536
UA954680 C.MYLAR
0.068uF 50V
01
*
C537
Vi550600
C.MYLAR.ML
0.1uF
50V
01
C538
UR838100 C.EL
100uF
16V(RT) 01
C539
UR837100 C.EL
10uF
16V(RT) 01
C540
FG644100 C.CE
0.01uF
50V
01
C541
VS745400 C.POL.MTL
0.1uF
100V
s C542
VS529200 C.EL
10000uF 63V
C543
VS745400 C.POL.MTL
0.1uF
100V
s C544
VS529200 C.EL
10000uF 63V
C545
UR818100 C.EL
100uF
6.3V
01
C546
UR848330 C.EL
330uF
25V(BG)
C546
UR878220 C.EL
220uF
63V(RT)
C547
FG644100 C.CE
0.01uF
50V
01
C548
VS745400 C.POL.MTL
0.1uF
100V
C549
FG644100 C.CE
0.01uF
50V
01
C550
FG644100 C.CE
0.01uF
50V
01
C551
UA954100 C.MYLAR
0.01uF
50V
01
C552
UA954100 C.MYLAR
0.01uF
50V
01
C553
UA954100 C.MYLAR
0.01uF
50V
01
C554
UA954100 C.MYLAR
0.01uF
50V
01
C555
UA954100 C.MYLAR
0.01uF
50V
01
C556
UA954100 C.MYLAR
0.01uF
50V
01
*
C557
VP918200 C.PP
0.01uF
100V
*
C558
VP918200 C.PP
0.01uF
100V
* s C559
V3501400 C.CE.SAFTY
0.01uF
275V
C560
FG644100 C.CE
0.01uF
50V
01
C561
FG644100 C.CE
0.01uF
50V
01
* s C562
V3501400 C.CE.SAFTY
0.01uF
275V
C563
UA954470 C.MYLAR
0.047uF 50V
01
D501
VM975900 DIODE.ZENR
HZS162TD 16V
01
D502
VM975900 DIODE.ZENR
HZS162TD 16V
01
s D503
VU264100 DIODE
1SR139-400
s D504
VU264100 DIODE
1SR139-400
s D505
VU264100 DIODE
1SR139-400
s D506
VU264100 DIODE
1SR139-400
D507
VD631600 DIODE
1SS133,176,HSS104 01
D508
VD631600 DIODE
1SS133,176,HSS104 01
D509
VD631600 DIODE
1SS133,176,HSS104 01
D510
VD631600 DIODE
1SS133,176,HSS104 01
D511
VD631600 DIODE
1SS133,176,HSS104 01
D512
VD631600 DIODE
1SS133,176,HSS104 01
D513
VD631600 DIODE
1SS133,176,HSS104 01
D514
VD631600 DIODE
1SS133,176,HSS104 01
D515
VD631600 DIODE
1SS133,176,HSS104 01
D516
VN008700 DIODE
1SS270A 01
D517
VN008700 DIODE
1SS270A 01
D518
VD631600 DIODE
1SS133,176,HSS104 01
D519
VM975600 DIODE.ZENR
HZS12B2TD 12V(RT)
D520
VU264100 DIODE
1SR139-400
s D521
iH001090
DIODE.BRG
S4VB20 2.6A 200V 04
D522
VU264100 DIODE
1SR139-400
D523
VU264100 DIODE
1SR139-400
D524
VU264100 DIODE
1SR139-400
D525
VU264100 DIODE
1SR139-400
D526
VD631600 DIODE
1SS133,176,HSS104 01
s F501
KB001660 FUSE
T1.6A 250V(BG)
02
s F501
VS823100 FUSE
6.0A 125V(RT)
s F502
VT942900 FUSE
TH2.5A 250V(G)
s F503
KB001660 FUSE
T1.6A 250V(RT)
02
G501
VR463400 TERM.GND
D3.5 TP00385
01
L501
VP575600 COIL
1.5uH
01
L502
VP575600 COIL
1.5uH
01
PN501 V3750200 PIN
L=70(BG)
* s Q501
VC407900 TR
2SD1913 R,S
01
* s Q502
VC614000 TR
2SB1274 Q,R,S
02
Q503
VK432900 TR
2SD1915F S,T
01
Q504
VK432900 TR
2SD1915F S,T
01
* s Q505
VE198700 TR
2SA1145 O,Y
01
Q506
iA097030
TR
2SA970 GR,BL
01
Q507
iA097030
TR
2SA970 GR,BL
01
* s Q508
VE198800 TR
2SC2705 O,Y
01
Q509
iC1815I0
TR
2SC1815 Y
01
Q510
iC1815I0
TR
2SC1815 Y
01
s Q511
iA1015I0
TR
2SA1015 Y
01
Q512
iC1815I0
TR
2SC1815 Y
01
Q513
iC1815I0
TR
2SC1815 Y
01
s Q514
iA1015I0
TR
2SA1015 Y
01
* s Q515
VE198800 TR
2SC2705 O,Y
01
Schm
Ref.
PART NO.
Description
Rank
✻ New Parts
AX-496
Schm
Ref.
PART NO.
Description
Rank
✻ New Parts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com