Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IG055100 Datasheet(PDF) 26 Page - YAMAHA CORPORATION

Part # IG055100
Description  STEREO AMPLIFIER SERVICE MANUAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

IG055100 Datasheet(HTML) 26 Page - YAMAHA CORPORATION

Back Button IG055100 Datasheet HTML 22Page - YAMAHA CORPORATION IG055100 Datasheet HTML 23Page - YAMAHA CORPORATION IG055100 Datasheet HTML 24Page - YAMAHA CORPORATION IG055100 Datasheet HTML 25Page - YAMAHA CORPORATION IG055100 Datasheet HTML 26Page - YAMAHA CORPORATION IG055100 Datasheet HTML 27Page - YAMAHA CORPORATION IG055100 Datasheet HTML 28Page - YAMAHA CORPORATION IG055100 Datasheet HTML 29Page - YAMAHA CORPORATION IG055100 Datasheet HTML 30Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
AX-496/396
33
C143
UR838100 C.EL
100uF
16V
01
C144
UR838100 C.EL
100uF
16V
01
C145
VJ599100 C.CE.TUBLR
0.1uF
50V
01
C146
UN866100 C.EL
1uF
50V
C147
UA953220 C.MYLAR
2200pF
50V
01
C148
UA953220 C.MYLAR
2200pF
50V
01
C149
VG278900 C.CE.TUBLR
680pF
50V
01
*
C150
UA954560 C.MYLAR
0.056uF 50V
*
C151
UA954560 C.MYLAR
0.056uF 50V
C152
VG278900 C.CE.TUBLR
680pF
50V
01
*
C153
VG290800 C.EL
4.7uF
63V
01
C154
VK533800 C.PP
47pF
200V
01
C155
VG286500 C.EL
470uF
10V
01
C156
VG286500 C.EL
470uF
10V
01
C157
VK533800 C.PP
47pF
200V
01
*
C158
VG290800 C.EL
4.7uF
63V
01
*
C159
VG290300 C.EL
0.47uF
50V
01
C160
VG278400 C.CE.TUBLR
220pF
50V
01
C161
VG278400 C.CE.TUBLR
220pF
50V
01
*
C162
VG290300 C.EL
0.47uF
50V
01
*
C163
VG290800 C.EL
4.7uF
63V
01
C164
UA953220 C.MYLAR
2200pF
50V
01
C165
UA952330 C.MYLAR
330pF
50V
01
C166
UA952330 C.MYLAR
330pF
50V
01
C167
UA953220 C.MYLAR
2200pF
50V
01
*
C168
VG290800 C.EL
4.7uF
63V
01
C169
VF466700 C.CE.TUBLR
47pF
50V
01
*
C170
VG290800 C.EL
4.7uF
63V
01
*
C171
VG290800 C.EL
4.7uF
63V
01
C172
VF466700 C.CE.TUBLR
47pF
50V
01
C173
VG287600 C.EL
100uF
25V
01
C174
VG287600 C.EL
100uF
25V
01
*
C175
VE326100 C.MYLAR.ML
0.12uF
50V
C176
VG287500 C.EL
47uF
50V
01
*
C177
VE326100 C.MYLAR.ML
0.12uF
50V
C178
UA954330 C.MYLAR
0.033uF 50V
01
*
C179
VE326100 C.MYLAR.ML
0.12uF
50V
C180
UA954330 C.MYLAR
0.033uF 50V
01
C181
VG287500 C.EL
47uF
50V
01
*
C182
VE326100 C.MYLAR.ML
0.12uF
50V
C183
UR818100 C.EL
100uF
6.3V
01
C184
VG287600 C.EL
100uF
25V
01
C185
VG287500 C.EL
47uF
50V
01
C186
VG287500 C.EL
47uF
50V
01
C187
VG287600 C.EL
100uF
25V
01
C188
UR817470 C.EL
47uF
6.3V
C189
VU545000 C.EL
47000uF 5.5V
C190
UR818220 C.EL
220uF
6.3V
C191
UR866220 C.EL
2.2uF
50V
C192
UR866100 C.EL
1uF
50V
01
*
C193
VG286300 C.EL
220uF
10V
01
C194
VF467100 C.CE.TUBLR
4700pF
16V
01
C195
VF467100 C.CE.TUBLR
4700pF
16V
01
*
C196
VG286300 C.EL
220uF
10V
01
C203
FG644100 C.CE
0.01uF
50V
01
C204
FG644100 C.CE
0.01uF
50V
01
C207
UA954100 C.MYLAR
0.01uF
50V
01
C208
UA954100 C.MYLAR
0.01uF
50V
01
C209
UA954100 C.MYLAR
0.01uF
50V
01
C210
UA954100 C.MYLAR
0.01uF
50V
01
C211
VJ599000 C.CE.TUBLR
0.047uF 16V
01
C212
UR848470 C.EL
470uF
25V
01
C213
UM397100 C.EL
10uF
16V
01
C215
UA954100 C.MYLAR
0.01uF
50V
01
D101
VM974200 DIODE.ZENR
HZS5C2TD 5.0V
01
*
D102
VR711500 LED(or)
SLR-325DC
*
D103
VR711500 LED(or)
SLR-325DC
*
D106
VR711500 LED(or)
SLR-325DC
*
D107
VR711500 LED(or)
SLR-325DC
*
D108
VR711500 LED(or)
SLR-325DC
*
D109
VR711500 LED(or)
SLR-325DC
*
D110
VR711500 LED(or)
SLR-325DC
*
D111
VR711500 LED(or)
SLR-325DC
D113
VD631600 DIODE
1SS133,176,HSS104 01
D114
VD631600 DIODE
1SS133,176,HSS104 01
D115
VD631600 DIODE
1SS133,176,HSS104 01
D116
VD631600 DIODE
1SS133,176,HSS104 01
D117
VM974600 DIODE.ZENR
HZS7A2TD 7.0V
D118
VM974500 DIODE.ZENR
HZS6C2TD 6.0V
01
D120
VS132300 LED(re)
SLR-325VCT31
D126
VM974000 DIODE.ZENR
HZS5A2TD 5.0V
01
D127
VM974000 DIODE.ZENR
HZS5A2TD 5.0V
01
D128
VM973800 DIODE.ZENR
HZS4B2TD 4.0V
D129
VD631600 DIODE
1SS133,176,HSS104 01
IC101 XY346B00 IC.CPU
M37478M4-409SP CPU
IC102 XM356A00 IC
NJM2068LD
01
IC103 XM356A00 IC
NJM2068LD
01
IC104 XP894A00 IC
LC78211
IC105 XP894A00 IC
LC78211
IC106 XF494A00 IC
LB1641
03
IC107 XM356A00 IC
NJM2068LD
01
IC108 XM356A00 IC
NJM2068LD
01
IC109 XM356A00 IC
NJM2068LD
01
*
JK101 V4478300 JACK.PHONE JY-6317Y-03-030
L101
VB056900 COIL
220uH
01
L102
VB056900 COIL
220uH
01
*
PJ101 VY862900 JACK.PIN
2P
*
PJ102 V5266800 JACK.PIN
RJ-1060-10-0541A
PJ103 VV306900 JACK.PIN
4P
PJ104 VV306900 JACK.PIN
4P
PJ105 VV306900 JACK.PIN
4P
PN101 V3750100 PIN
L=50
PN102 V3750100 PIN
L=50
PN104 V3750100 PIN
L=50
PN105 V3750100 PIN
L=50
PN106 V3750100 PIN
L=50
Q101
VK432900 TR
2SD1915F S,T
01
Q102
VK432900 TR
2SD1915F S,T
01
Q104
VG722000 TR.DGT
DTC144ES
03
Q105
iC1815I0
TR
2SC1815 Y
01
Q106
iA1015I0
TR
2SA1015 Y
01
Q107
VP872700 TR
2SC4488 S,T
Q108
iA093320
TR
2SA933S Q,R
Q109
iA1015I0
TR
2SA1015 Y
01
Q110
VK432900 TR
2SD1915F S,T
01
R151
VP940400 R.MTL.OXD
100
Ω
1W
01
R152
VP940400 R.MTL.OXD
100
Ω
1W
01
*
R162
VP940800 R.MTL.OXD
470
Ω
1W
01
*
R163
VP940800 R.MTL.OXD
470
Ω
1W
01
R171
HV754100 R.CAR.FP
10
Ω
1/4W
01
ST101 BB071360 SCR.TERM
8.3x13
01
SW101 VV399800 SW.PUSH
SPUN12
SW102 VV399900 SW.PUSH
SPUN12
*
SW103 V5232400 SW.RT
SRBU16X001
SW104 V2014900 SW.TACT
EVQ21304M
*
SW107 V4859200 SW.RT.ENC
REB161PHB20
AX-496
Schm
Ref.
PART NO.
Description
Rank
✻ New Parts
Schm
Ref.
PART NO.
Description
Rank
✻ New Parts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com