Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55025 Datasheet(PDF) 9 Page - STMicroelectronics

Part # PD55025
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55025 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PD55025 Datasheet HTML 5Page - STMicroelectronics PD55025 Datasheet HTML 6Page - STMicroelectronics PD55025 Datasheet HTML 7Page - STMicroelectronics PD55025 Datasheet HTML 8Page - STMicroelectronics PD55025 Datasheet HTML 9Page - STMicroelectronics PD55025 Datasheet HTML 10Page - STMicroelectronics PD55025 Datasheet HTML 11Page - STMicroelectronics PD55025 Datasheet HTML 12Page - STMicroelectronics PD55025 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9/13
PD55025 - PD55025S
FREQ
IS11I
S11∠Φ
IS21I
S21∠Φ
IS12I
S12∠Φ
IS22I
S22∠Φ
(MHz)
50
0.837
-162
13.33
89
0.018
-1
0.780
-168
100
0.846
-169
6.51
76
0.017
-12
0.803
-172
150
0.862
-171
4.15
66
0.016
-19
0.831
-172
200
0.878
-173
2.93
58
0.015
-26
0.859
-172
250
0.895
-174
2.20
51
0.013
-31
0.874
-172
300
0.910
-174
1.71
45
0.012
-36
0.886
-173
350
0.921
-175
1.36
40
0.010
-40
0.892
-173
400
0.932
-176
1.11
35
0.009
-42
0.897
-175
450
0.941
-177
0.92
31
0.008
-43
0.915
-176
500
0.946
-178
0.78
27
0.007
-44
0.932
-177
550
0.953
-178
0.66
24
0.006
-43
0.946
-178
600
0.957
-179
0.57
21
0.005
-42
0.964
-179
650
0.960
-180
0.50
18
0.004
-39
0.975
-178
700
0.964
180
0.44
16
0.004
-34
0.976
-179
750
0.966
179
0.39
14
0.003
-29
0.981
-179
800
0.968
178
0.95
12
0.002
-15
0.979
-179
850
0.970
178
0.31
10
0.002
-2
0.964
-179
900
0.971
177
0.28
8
0.002
16
0.960
180
950
0.972
177
0.26
6
0.002
34
0.953
179
1000
0.972
176
0.23
5
0.003
45
0.940
178
FREQ
IS11I
S11∠Φ
IS21I
S21∠Φ
IS12I
S12∠Φ
IS22I
S22∠Φ
(MHz)
50
0.876
-164
13.87
90
0.013
1
0.823
-172
100
0.880
-172
6.87
79
0.012
-7
0.838
-175
150
0.887
-174
4.46
71
0.012
-13
0.855
-176
200
0.895
-175
3.22
64
0.011
-18
0.873
-175
250
0.905
-176
2.47
58
0.010
-22
0.879
-175
300
0.915
-176
1.96
52
0.009
-25
0.885
-175
350
0.922
-177
1.60
47
0.009
-28
0.886
-175
400
0.931
-178
1.32
42
0.008
-30
0.889
-177
450
0.938
-178
1.11
38
0.007
-31
0.906
-178
500
0.942
-179
0.95
34
0.006
-31
0.923
-179
550
0.948
-179
0.82
31
0.005
-30
0.937
-179
600
0.952
-180
0.71
28
0.005
-27
0.956
-179
650
0.954
180
0.63
25
0.004
-22
0.967
-179
700
0.959
179
0.55
22
0.003
-16
0.969
-179
750
0.961
178
0.49
20
0.003
-6
0.973
-179
800
0.963
178
0.45
17
0.003
3
0.970
-179
850
0.966
177
0.40
15
0.003
17
0.956
-180
900
0.967
177
0.36
13
0.003
27
0.952
179
950
0.968
176
0.33
11
0.003
38
0.945
179
1000
0.968
176
0.30
9
0.003
45
0.933
177
COMMON SOURCE S-PARAMETER (PD55025S)
(VDS = 12.5 V ID = 500 mA)
COMMON SOURCE S-PARAMETER (PD55025S)
(VDS = 12.5 V ID = 1.5 A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com