Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55025 Datasheet(PDF) 10 Page - STMicroelectronics

Part # PD55025
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55025 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PD55025 Datasheet HTML 5Page - STMicroelectronics PD55025 Datasheet HTML 6Page - STMicroelectronics PD55025 Datasheet HTML 7Page - STMicroelectronics PD55025 Datasheet HTML 8Page - STMicroelectronics PD55025 Datasheet HTML 9Page - STMicroelectronics PD55025 Datasheet HTML 10Page - STMicroelectronics PD55025 Datasheet HTML 11Page - STMicroelectronics PD55025 Datasheet HTML 12Page - STMicroelectronics PD55025 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PD55025 - PD55025S
10/13
FREQ
IS11I
S11∠Φ
IS21I
S21∠Φ
IS12I
S12∠Φ
IS22I
S22∠Φ
(MHz)
50
0.849
-164
13.99
91
0.012
2
0.833
-173
100
0.881
-171
6.94
80
0.011
-6
0.841
-175
150
0.895
-173
4.51
72
0.011
-12
0.857
-175
200
0.903
-175
3.27
65
0.010
-16
0.871
-175
250
0.912
-176
2.50
58
0.010
-21
0.877
-175
300
0.921
-176
1.99
52
0.009
-24
0.882
-175
350
0.927
-177
1.62
47
0.008
-27
0.883
-176
400
0.936
-178
1.35
42
0.007
-29
0.886
-177
450
0.943
-178
1.13
38
0.006
-29
0.904
-178
500
0.946
-179
0.97
34
0.006
-29
0.920
-179
550
0.952
-180
0.83
31
0.005
-26
0.935
-179
600
0.955
180
0.72
27
0.004
-23
0.955
-180
650
0.957
179
0.64
24
0.004
-17
0.965
-179
700
0.961
179
0.56
22
0.003
-8
0.967
-179
750
0.963
178
0.50
19
0.003
2
0.970
-179
800
0.965
178
0.45
17
0.003
14
0.968
-179
850
0.968
177
0.41
15
0.003
27
0.953
-179
900
0.969
176
0.37
13
0.003
36
0.949
180
950
0.970
176
0.34
11
0.003
45
0.943
179
1000
0.971
175
0.31
9
0.003
54
0.930
178
FREQ
IS11I
S11∠Φ
IS21I
S21∠Φ
IS12I
S12∠Φ
IS22I
S22∠Φ
(MHz)
50
0.890
-165
13.19
91
0.012
2
0.837
-174
100
0.892
-172
6.55
81
0.011
-6
0.846
-176
150
0.898
-174
4.28
73
0.011
-12
0.865
-176
200
0.904
-175
3.11
66
0.010
-15
0.879
-176
250
0.913
-176
2.39
60
0.010
-20
0.883
-176
300
0.921
-177
1.91
54
0.009
-23
0.089
-176
350
0.926
-177
1.57
49
0.008
-25
0.887
-176
400
0.935
-178
1.31
44
0.007
-27
0.889
-177
450
0.941
-179
1.10
40
0.007
-28
0.905
-179
500
0.944
-179
0.94
36
0.006
-27
0.921
-179
550
0.949
-180
0.82
33
0.005
-25
0.936
-180
600
0.953
180
0.71
29
0.004
-21
0.954
180
650
0.955
179
0.63
26
0.004
-17
0.964
-180
700
0.959
179
0.56
24
0.003
-10
0.965
-180
750
0.961
178
0.50
21
0.003
-2
0.968
-180
800
0.963
177
0.45
19
0.003
10
0.966
-179
850
0.966
177
0.41
17
0.003
22
0.952
-180
900
0.967
176
0.37
15
0.003
32
0.948
180
950
0.968
176
0.34
15
0.003
41
0.942
179
1000
0.969
175
0.31
11
0.004
49
0.930
177
COMMON SOURCE S-PARAMETER (PD55025S)
(VDS = 12.5 V ID = 3 A)
COMMON SOURCE S-PARAMETER (PD55025S)
(VDS = 13.8 V ID = 3 A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com