Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3L40 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STPS3L40
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L40 Datasheet(HTML) 7 Page - STMicroelectronics

  STPS3L40_07 Datasheet HTML 1Page - STMicroelectronics STPS3L40_07 Datasheet HTML 2Page - STMicroelectronics STPS3L40_07 Datasheet HTML 3Page - STMicroelectronics STPS3L40_07 Datasheet HTML 4Page - STMicroelectronics STPS3L40_07 Datasheet HTML 5Page - STMicroelectronics STPS3L40_07 Datasheet HTML 6Page - STMicroelectronics STPS3L40_07 Datasheet HTML 7Page - STMicroelectronics STPS3L40_07 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
STPS3L40
Ordering information
7/8
3
Ordering information
4
Revision history
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
STPS3L40S
S3L4
SMC
0.24 g
2500
Tape and reel
STPS3L40UF
FS3L4
SMB flat
0.50 g
5000
Tape and reel
Date
Revision
Description of Changes
Jul-2003
2A
Last update.
08-Feb-2007
3
Reformatted to current standard. Added ECOPACK
statement. Added SMB flat package.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com