Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3L40 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS3L40
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L40 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS3L40_07 Datasheet HTML 1Page - STMicroelectronics STPS3L40_07 Datasheet HTML 2Page - STMicroelectronics STPS3L40_07 Datasheet HTML 3Page - STMicroelectronics STPS3L40_07 Datasheet HTML 4Page - STMicroelectronics STPS3L40_07 Datasheet HTML 5Page - STMicroelectronics STPS3L40_07 Datasheet HTML 6Page - STMicroelectronics STPS3L40_07 Datasheet HTML 7Page - STMicroelectronics STPS3L40_07 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
February 2007
Rev 3
1/8
8
STPS3L40
Power Schottky rectifier
Main product characteristics
Features and Benefits
■ Negligible switching losses
■ Low thermal resistance
■ Low forward voltage drop
■ Avalanche capability specified
Description
Schottky rectifier suited for switched mode power
supplies and high frequency DC to DC
converters. Packaged in SMC, and low profile
SMB, this device is intended for use in DC/DC
chargers.
Order codes
IF(AV)
3 A
VRRM
40 V
Tj (max)
150° C
VF(max)
0.44 V
Part Number
Marking
STPS3L40S
S3L4
STPS3L40UF
FS3L4
K
A
K
A
SMC
STPS3L40S
SMB flat
STPS3L40UF
Table 1.
Absolute Ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
40
V
IF(AV)
Average forward current
SMC
TL = 120° C δ = 0.5
3A
SMB flat
TL = 130° C δ = 0.5
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
75
A
PARM
Repetitive peak avalanche power
tp = 1 µs Tj = 25° C
1300
W
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Operating junction temperature (1)
1.
condition to avoid thermal runaway for a diode on its own heatsink
150
°C
dPtot
dTj
---------------
1
Rth j
a
–
()
--------------------------
<
www.st.com


Similar Part No. - STPS3L40_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3L40-Y STMICROELECTRONICS-STPS3L40-Y Datasheet
81Kb / 7P
Automotive power Schottky rectifier
10-Mar-2011
STPS3L40S STMICROELECTRONICS-STPS3L40S Datasheet
46Kb / 4P
POWER SCHOTTKY RECTIFIER
Apr-2000
STPS3L40SY STMICROELECTRONICS-STPS3L40SY Datasheet
91Kb / 7P
Automotive power Schottky rectifier
10-Mar-2011
More results

Similar Description - STPS3L40_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com