Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1521 Datasheet(PDF) 1 Page - ams AG

Part # AS1521
Description  10-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1521 Datasheet(HTML) 1 Page - ams AG

  AS1521 Datasheet HTML 1Page - ams AG AS1521 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AS1520, AS1521
10-Bit, Single-Supply, Low-Power, 400/300ksps,
8-Channel A/D Converters
Produ ct Brief
www.austriamicrosystems.com
Revision 1.00
1 - 2
1 General Description
The AS1520/AS1521 are low-power, 8/4-channel, 400/
300ksps, 10-bit analog-to-digital (A/D) converters specif-
ically designed to operate with single-supply devices.
Superior AC characteristics, very low power consump-
tion, and highly-reliable packaging make these ultra-
small devices perfect for battery-powered remote-sen-
sor and data-acquisition devices.
The successive-approximation register (SAR), high-
speed sampling, high-bandwidth track/hold circuitry, and
multi-mode operation combine to make these devices
highly-flexible and configurable.
Both devices require low supply current (2.8mA @
400ksps, AS1520; 2.2mA @ 300ksps, AS1521) and fea-
ture a reduced-power mode and a power-down mode to
lower power consumption at slower throughput rates.
The devices operate from a single supply (+4.5 to +5.5V,
AS1520; +2.7 to +3.6V, AS1521). Both devices contain
an internal 2.5V reference, an integrated reference
buffer, and feature support for an external reference (1V
to VDD).
Data accesses are made via the high-speed, 4-wire,
SPI, QSPI-, and Microwire-compatible serial interface.
The devices are available in a 20-pin TSSOP package.
Figure 1. Block Diagram and Pin Assignments
2 Key Features
!
Single-Supply Operation:
- +4.5 to +5.5V (AS1520)
- +2.7 to +3.6V (AS1521)
!
Sampling Rate:
- 400ksps (AS1520)
- 300ksps (AS1521)
!
Software-Configurable Analog Input Types:
- 8-Channel Single-Ended
- 8-Channel Pseudo Differential Referenced to COM
- 4-Channel Pseudo Differential
- 4-Channel Fully Differential
!
Software-Configurable Input Range
!
Internal +2.5V Reference
!
Low-Current Operation:
- 2.8mA @ 400ksps (AS1520)
- 2.2mA @ 300ksps (AS1521)
- 0.4mA in Reduced-Power Mode
- 0.5µA in Full Power-Down Mode
!
SPI/QSPI/Microwire/TMS320-Compatible
!
20-pin TSSOP Package
3 Applications
The devices are ideal for remote sensors, data-acquisi-
tion and data-logging devices, pen-digitizers, process
control, or any other space-limited A/D application with
low power-consumption requirements.
AS1520/
AS1521
Control
Logic
Output
Shift
Register
10-Bit
SAR
IN
OUT
REF
Analog
Input
+1.2V
REF
Input Shift
Register
Track/
Hold
17k
Ω
Av
≈ 2.05
+2.50V
15
SSTRB
17
CSN
14
DOUT
20
VDD1
19
VDD2
13
GND
18
SCLK
16
DIN
1:8
CH0:CH7
9
COM
12
REFADJ
11
REF
10
VDD3
AS1520/
AS1521
1
CH0
2
CH1
3
CH2
4
CH3
5
CH4
6
CH5
7
CH6
8
CH7
9
COM
10
VDD3
20 VDD1
19 VDD2
18 SCLK
17 CSN
16 DIN
15 SSTRB
14 DOUT
13 GND
12 REFADJ
11 REF


Similar Part No. - AS1521

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1521 AMSCO-AS1521 Datasheet
1Mb / 29P
10-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
AS1521-BTST AMSCO-AS1521-BTST Datasheet
1Mb / 29P
10-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
AS1521-BTSU AMSCO-AS1521-BTSU Datasheet
1Mb / 29P
10-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
More results

Similar Description - AS1521

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1080 MAXIM-MAX1080 Datasheet
550Kb / 24P
300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
logo
Micro Linear Corporatio...
ML2340 MICRO-LINEAR-ML2340 Datasheet
220Kb / 12P
Single Supply, Programmable 8-Bit D/A Converters
logo
ams AG
AS1530 AMSCO-AS1530 Datasheet
980Kb / 29P
12-Bit, Single-Supply, Low-Power, 400/300ksps A/D Converters
AS1526 AMSCO-AS1526 Datasheet
351Kb / 2P
10-Bit, Single Supply, Low-Power, 73ksps A/D Converters
AS1522 AMSCO-AS1522 Datasheet
93Kb / 2P
10-Bit, Single-Supply, Low-Power, 400/300ksps, 4-Channel A/D Converters
AS1532 AMSCO-AS1532 Datasheet
93Kb / 2P
12-Bit, Single-Supply, Low-Power, 400/300ksps, 4-Channel A/D Converters
AS1526 AMSCO-AS1526_1 Datasheet
754Kb / 21P
10-Bit, Single Supply, Low-Power, 73ksps A/D Converters
AS1530 AMSCO-AS1530_1 Datasheet
1Mb / 29P
12-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
AS1520 AMSCO-AS1520_1 Datasheet
1Mb / 29P
10-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
logo
Silicon Laboratories
TSM1285 SILABS-TSM1285 Datasheet
1Mb / 15P
A 300ksps, Single-supply, Low-Power 12-Bit Serial-output ADC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com