Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1541 Datasheet(PDF) 1 Page - ams AG

Part # AS1541
Description  8/4-Channel, 10-Bit I짼C Analog-to-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1541 Datasheet(HTML) 1 Page - ams AG

  AS1541 Datasheet HTML 1Page - ams AG AS1541 Datasheet HTML 2Page - ams AG AS1541 Datasheet HTML 3Page - ams AG AS1541 Datasheet HTML 4Page - ams AG AS1541 Datasheet HTML 5Page - ams AG AS1541 Datasheet HTML 6Page - ams AG AS1541 Datasheet HTML 7Page - ams AG AS1541 Datasheet HTML 8Page - ams AG AS1541 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
AS1539/AS1541
8/4-Channel, 10-Bit I²C Analog-to-Digital Converter
Dat a Sh eet
www.austriamicrosystems.com
Revision 1.02
1 - 20
1 General Description
The AS1539/AS1541 are single-supply, low-power,
10-bit data acquisition devices featuring a serial I²C
interface and an 8-channel (AS1539) or 4-channel
(AS1541) multiplexer.
The analog-to-digital (A/D) converters features a sam-
ple-and-hold amplifier an internal asynchronous clock
and an internal reference.
The combination of an I
2C serial, 2-wire interface and
micropower consumption makes the AS1539 and
AS1541 ideal for applications requiring the A/D con-
verter to be close to the input source in remote locations
and for applications requiring isolation.
The device is available in a TSSOP-16 or TQFN 4x4 16-
pin package.
Figure 1. Block Diagram
2 Key Features
!
Single Supply: 2.7 to 5.25V
!
8-Channel Multiplexer (AS1539)
!
4-Channel Multiplexer (AS1541)
!
Sampling Rate: 50kSPS
!
No Missing Codes
!
Internal Reference: 2.5V
!
High Speed I
2C Interface at 3.4MHz
!
<1.5µA Full Shutdown Current
!
TSSOP-16 or TQFN 4x4 16-pin Package
3 Applications
The device is ideal for voltage-supply monitoring, iso-
lated data acquisition, transducer interfaces, battery-
operated systems, remote data acquisition or any other
analog-to-digital conversion application.
A0
SCL
CH0
SDA
AS1539/AS1541
8-Channel
MUX
CH1
CH2
CH3
CH4
CH5
CH6
CH7
REFIN/OUT
Sample/
Hold
Amp
Successive Approximation Register
CDAC
Comparator
Serial
Interface
A1
Internal
2.5V
Reference
Buffer
GND
COM


Similar Part No. - AS1541

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1541 AMSCO-AS1541 Datasheet
746Kb / 20P
8/4-Channel, 10-Bit I2C Analog-to-Digital Converter
AS1541-BQFT AMSCO-AS1541-BQFT Datasheet
746Kb / 20P
8/4-Channel, 10-Bit I2C Analog-to-Digital Converter
More results

Similar Description - AS1541

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
ams AG
AS1538 AMSCO-AS1538_1 Datasheet
749Kb / 20P
8/4-Channel, 12-Bit I2C Analog-to-Digital Converter
AS1539 AMSCO-AS1539_1 Datasheet
746Kb / 20P
8/4-Channel, 10-Bit I2C Analog-to-Digital Converter
logo
Texas Instruments
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS7830IPWRG4 TI1-ADS7830IPWRG4 Datasheet
929Kb / 26P
8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS5277 TI1-ADS5277_14 Datasheet
1Mb / 33P
8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
ADS1216 TI1-ADS1216_16 Datasheet
1Mb / 41P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Zilog, Inc.
Z8F16800128ZCOG ZILOG-Z8F16800128ZCOG Datasheet
249Kb / 19P
Optional fast 8-channel, 10-bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com