Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1541 Datasheet(PDF) 17 Page - ams AG

Part # AS1541
Description  8/4-Channel, 10-Bit I짼C Analog-to-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1541 Datasheet(HTML) 17 Page - ams AG

Back Button AS1541 Datasheet HTML 12Page - ams AG AS1541 Datasheet HTML 13Page - ams AG AS1541 Datasheet HTML 14Page - ams AG AS1541 Datasheet HTML 15Page - ams AG AS1541 Datasheet HTML 16Page - ams AG AS1541 Datasheet HTML 17Page - ams AG AS1541 Datasheet HTML 18Page - ams AG AS1541 Datasheet HTML 19Page - ams AG AS1541 Datasheet HTML 20Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
www.austriamicrosystems.com
Revision 1.02
17 - 20
AS1539/AS1541
Data Sheet - P a c k age Drawin gs an d Ma rkings
10 Package Drawings and Markings
Figure 30. TSSOP-16 Package
Symbol
Min
Typ
Max
Notes
A-
-
1.10
1,2
A1
0.05
-
0.15
1,2
A2
0.85
0.90
0.95
1,2
L
0.50
0.60
0.75
1,2
R0.09
-
-
1,2
R1
0.09
-
-
1,2
b
0.19
-
0.30
1,2,5
b1
0.19
0.22
0.25
1,2
c
0.09
-
0.20
1,2
c1
0.09
-
0.16
1,2
θ1
0º
-
8º
1,2
L1
1.0REF
1,2
aaa
0.10
1,2
bbb
0.10
1,2
ccc
0.05
1,2
ddd
0.20
1,2
e
0.65BSC
1,2
θ212ºREF
1,2
θ312ºREF
1,2
Variations
D
4.90
5.00
5.10
1,2,3,8
E1
4.30
4.40
4.50
1,2,4,8
E
6.4BSC
1,2
e
0.65BSC
1,2
N
16
1,2,6
Notes:
1. All dimensions are in millimeters; angles in degrees.
2. Dimensioning and tolerancing per ASME Y14.5M – 1994.
3. Dimension D does not include mold flash, protrusions, or gate
burrs. Mold flash, protrusions, and gate burrs shall not exceed
0.15mm per side.
4. Dimension E1 does not include interlead flash or protrusion.
Interlead flash or protrusions shall not exceed 0.25mm per
side.
5. Dimension b does not include dambar protrusion. Allowable
dambar protrusion shall be 0.08mm total in excess of the b
dimension at maximum material condition. Dambar cannot be
located on the lower radius of the foot.
6. Terminal numbers are for reference only.
7. Datums A and B to be determined at datum plane H.
8. Dimensions D and E1 are to be determined at datum plane H.
9. This dimension applies only to variations with an even number
of leads per side.
10. Cross section A-A to be determined at 0.10 to 0.25mm from
the leadtip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com