Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22NZ-RMM-NGA Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # A22NZ-RMM-NGA
Description  Pushbutton Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22NZ-RMM-NGA Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button A22NZ-RMM-NGA Datasheet HTML 12Page - Omron Electronics LLC A22NZ-RMM-NGA Datasheet HTML 13Page - Omron Electronics LLC A22NZ-RMM-NGA Datasheet HTML 14Page - Omron Electronics LLC A22NZ-RMM-NGA Datasheet HTML 15Page - Omron Electronics LLC A22NZ-RMM-NGA Datasheet HTML 16Page - Omron Electronics LLC A22NZ-RMM-NGA Datasheet HTML 17Page - Omron Electronics LLC A22NZ-RMM-NGA Datasheet HTML 18Page - Omron Electronics LLC A22NZ-RMM-NGA Datasheet HTML 19Page - Omron Electronics LLC A22NZ-RMM-NGA Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
A22NN/A22NL
16
Specifications
Characteristics
*1.
With no icing or condensation.
*2.
Degree of protection from the front of the panel.
Operating Characteristics (for SPST-NO/SPST-NC)
Examples of Linked Contact Blocks
Note:
If you increase the number of Contact Blocks, evaluate the Switch under actual working conditions before permanent installation and use
the Switch within a number of switching operations that will not adversely affect the Switch’s performance.
Type
Pushbutton Switches
Item
Non-lighted models
Lighted models
Allowable operating
frequency
Mechanical
60 operations/minute max.
Electrical
30 operations/minute max.
Insulation resistance
100 MΩ min. (at 500 VDC)
Contact resistance
100 mΩ max. (initial value)
Dielectric strength
Between terminals of same polarity
2,500 VAC at 50/60 Hz for 1 min
Between each terminal and ground
2,500 VAC at 50/60 Hz for 1 min
Vibration resistance
Malfunction
10 to 55 Hz, 1.5-mm double amplitude (malfunction within 1 ms)
Shock resistance
Malfunction
1,000 m/s2 max. (malfunction within 1 ms)
Durability
Mechanical
Momentary action: 5,000,000 operations min.
Alternate action: 500,000 operations min.
Electrical
500,000 operations min.
Ambient operating temperature*1
−25 to 70°C
−25 to 55°C
Ambient operating humidity
35% to 85% RH
Ambient storage temperature*1
−40 to 80°C
Degree of protection*2
IP66, NEMA 4X, NEMA13
Electric shock protection class
Class II
PTI (tracking characteristic)
175
Degree of contamination (application environment)
3 (IEC 60947-5-1)
Weight
Approx. 50 g (for 1NC/1NO)
Approx. 65 g (for 1NC/1NO)
Type
Pushbutton Switches
Item
Lighted/non-lighted
Total travel force (torque) (maximum TTF)
18 N
Total travel (TT)
6 mm max.
Resetting force (torque) (RF)
---
Pushbutton Switches
Momentary
Alternate
Lighted
Non-lighted
Lighted
Non-lighted
Linking example
Contact Blocks
Lighting Units
Operation Unit
Mounting Collar
Operation Unit
Mounting Collar
Operation Unit
Mounting Collar
Operation Unit
Mounting Collar
Operation Unit
Mounting Collar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com