Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22NZ-RMM-NGA Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # A22NZ-RMM-NGA
Description  Pushbutton Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22NZ-RMM-NGA Datasheet(HTML) 4 Page - Omron Electronics LLC

  A22NZ-RMM-NGA Datasheet HTML 1Page - Omron Electronics LLC A22NZ-RMM-NGA Datasheet HTML 2Page - Omron Electronics LLC A22NZ-RMM-NGA Datasheet HTML 3Page - Omron Electronics LLC A22NZ-RMM-NGA Datasheet HTML 4Page - Omron Electronics LLC A22NZ-RMM-NGA Datasheet HTML 5Page - Omron Electronics LLC A22NZ-RMM-NGA Datasheet HTML 6Page - Omron Electronics LLC A22NZ-RMM-NGA Datasheet HTML 7Page - Omron Electronics LLC A22NZ-RMM-NGA Datasheet HTML 8Page - Omron Electronics LLC A22NZ-RMM-NGA Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
A22NN/A22NL
4
Ordering Information
Model Numbers for Sets - - - -Shipped as a set that includes the Operation Unit, LED Lamp, Mounting Collar, and Contact Block.
Non-lighted, Flat Switches
Lighted, Flat Switches
Note:
Normally, the Button and LED Lamp with the same color are combined.
However, opaque white is available by combining a white Button and yellow LED. A22N--TWA-G-Y
Appearance
Contacts
Momentary action (self-resetting)
Alternate action (self-holding)
(2)(2)
Button color
(7)(7)(7)
Contacts
Model
Model
Plastic bezels
1
A22NN-BNM-(2)(2)A-G(7)(7)(7)-NN
A22NN-BNA-(2)(2)A-G(7)(7)(7)-NN
NR:
Opaque, red
NG:
Opaque, green
NY:
Opaque, yellow
NW:
Opaque, white
NA:
Opaque, blue
NB:
Opaque, black
100
002
2
A22NN-BNM-(2)(2)A-G(7)(7)(7)-NN
A22NN-BNA-(2)(2)A-G(7)(7)(7)-NN
101
102
202
Brushed metal
bezels
1
A22NN-MNM-(2)(2)A-G(7)(7)(7)-NN
A22NN-MNA-(2)(2)A-G(7)(7)(7)-NN
100
002
2
A22NN-MNM-(2)(2)A-G(7)(7)(7)-NN
A22NN-MNA-(2)(2)A-G(7)(7)(7)-NN
101
102
202
Metal bezels
1
A22NN-RNM-(2)(2)A-G(7)(7)(7)-NN
A22NN-RNA-(2)(2)A-G(7)(7)(7)-NN
100
002
2
A22NN-RNM-(2)(2)A-G(7)(7)(7)-NN
A22NN-RNA-(2)(2)A-G(7)(7)(7)-NN
101
102
202
Appearance
Contacts
Momentary action
(self-resetting)
Alternate action
(self-holding)
(2)(2)
Button color
(7)(7)(7)
Contacts
(8)
LED Lamp
color
(9)
LED Lamp voltage
Model
Model
Plastic bezels
1
A22NL-BNM-
(2)(2)A-G(7)(7)(7)-(8)(9)
A22NL-BNA-
(2)(2)A-G(7)(7)(7)-(8)(9)
TR:
Transparent, red
TG:
Transparent, green
TY:
Transparent, yellow
TW:
Transparent, white
TA:
Transparent, blue
TO:
Transparent, orange
100
002
R:
Red
G:
Green
Y:
Yellow
W:
White
A:
Blue
O:
Orange
A:
6 VAC/DC
B:
12 VAC/DC
C:
24 VAC/DC
D:
100/110/120 VAC
E:
200/220/230/240 VAC
A22NL-BNM-
(2)(2)A-G(7)(7)(7)-(8)(9)
A22NL-BNA-
(2)(2)A-G(7)(7)(7)-(8)(9)
2
A22NL-BNM-
(2)(2)A-G(7)(7)(7)-(8)(9)
A22NL-BNA-
(2)(2)A-G(7)(7)(7)-(8)(9)
101
102
202
A22NL-BNM-
(2)(2)A-G(7)(7)(7)-(8)(9)
A22NL-BNA-
(2)(2)A-G(7)(7)(7)-(8)(9)
Brushed metal
bezels
1
A22NL-MNM-
(2)(2)A-G(7)(7)(7)-(8)(9)
A22NL-MNA-
(2)(2)A-G(7)(7)(7)-(8)(9)
100
002
A22NL-MNM-
(2)(2)A-G(7)(7)(7)-(8)(9)
A22NL-MNA-
(2)(2)A-G(7)(7)(7)-(8)(9)
2
A22NL-MNM-
(2)(2)A-G(7)(7)(7)-(8)(9)
A22NL-MNA-
(2)(2)A-G(7)(7)(7)-(8)(9)
101
102
202
A22NL-MNM-
(2)(2)A-G(7)(7)(7)-(8)(9)
A22NL-MNA-
(2)(2)A-G(7)(7)(7)-(8)(9)
Metal bezels
1
A22NL-RNM-
(2)(2)A-G(7)(7)(7)-(8)(9)
A22NL-RNA-
(2)(2)A-G(7)(7)(7)-(8)(9)
100
002
A22NL-RNM-
(2)(2)A-G(7)(7)(7)-(8)(9)
A22NL-RNA-
(2)(2)A-G(7)(7)(7)-(8)(9)
2
A22NL-RNM-
(2)(2)A-G(7)(7)(7)-(8)(9)
A22NL-RNA-
(2)(2)A-G(7)(7)(7)-(8)(9)
101
102
202
A22NL-RNM-
(2)(2)A-G(7)(7)(7)-(8)(9)
A22NL-RNA-
(2)(2)A-G(7)(7)(7)-(8)(9)
■ Subassemblies: Refer to pages 8 to 12.
(You can order Operation Units, LED Lamps, Mounting Collars, and
Contact Blocks individually.)
■ Specifications: Refer to page 15.■ Dimensions: Refer to page 17.
■ Accessories and tools: Refer to page 13.
Note: Not all assembled configurations are possible.
Please refer to the subassemblies section for additional options.
Please refer to the specifications section for examples of linked contact block options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com