Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1541-BTST Datasheet(PDF) 14 Page - ams AG

Part # AS1541-BTST
Description  8/4-Channel, 10-Bit I짼C Analog-to-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1541-BTST Datasheet(HTML) 14 Page - ams AG

Back Button AS1541-BTST Datasheet HTML 10Page - ams AG AS1541-BTST Datasheet HTML 11Page - ams AG AS1541-BTST Datasheet HTML 12Page - ams AG AS1541-BTST Datasheet HTML 13Page - ams AG AS1541-BTST Datasheet HTML 14Page - ams AG AS1541-BTST Datasheet HTML 15Page - ams AG AS1541-BTST Datasheet HTML 16Page - ams AG AS1541-BTST Datasheet HTML 17Page - ams AG AS1541-BTST Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
www.austriamicrosystems.com
Revision 1.02
14 - 20
AS1539/AS1541
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
Initiating a Conversion
After the AS1539/AS1541 has been write-addressed by the bus master, the A/D converter circuitry is powered on, and
conversions will begin when a command byte bit C0 (see Command Byte on page 12) is received. If the address byte
is valid, the AS1539/AS1541 will return an ACK.
Reading Data
Data can be read from the AS1539/AS1541 by read-addressing the device (LSB of address byte set to 1 (see Com-
mand Byte on page 12)) and receiving the transmitted bytes. Converted data can only be read from the AS1539/
AS1541 once a conversion has been initiated as described in Initiating a Conversion.
Each 12-bit data word (see Figure 27) is returned in two bytes, where D9 is the MSB of the data word, and D0 is the
LSB. Byte 0 is sent first, followed by Byte 1.
Figure 27. Data Word
Figure 28 illustrates the interaction between the master and the slave AS1539/AS1541.
The most efficient way to perform continuous conversions is to issue repeated STARTs to the AS1539/AS1541 (to
secure the bus for subsequent ADC conversions) after reading each conversion. It is recommended that during the
conversion mode no data is clocked into the ADC to prevent internal noise. Therefore, after the repeated start com-
mend it is recommanded not to clock in or out any data from the converter for 3.7µs. The ADC powers up after the PD0
bit is clocked in and it takes 1.4µs to fully power up. At a clock frequency of 3.4MHz this time is automatically achieved
and no extra delay should be included.
Figure 28. Read Sequence
Where:
A: Acknowledge (SDA Low)
N: Not Acknowledge (SDA High)
S: START Condition
P: STOP Condition
Sr: Repeated START Condition
W: 0 (Write)
R: 1 (Read)
0
0
0
0
D9
D8
D7
D6
MSB
6
5
432
1
LSB
D5
D4
D3
D2
D1
D0
0
0
Byte 0
Byte 1
S
1
0
0
1
0
A1
A0
W
SD
C2
C1
C0 PD1 PD0
X
X
A
A
Sr
1
0
0
1
0
A1
A0
0
0
0
0
D9
D8
D7
D6
A
A
R
D5
0
N
P
D4 ... D0
From Master to Slave
From Slave to Master
ADC Powerdown Mode
ADC Sampling Mode
Write-Addressing Byte
Command Byte
ADC Conversion Mode
Read-Addressing Byte
ADC Powerdown Mode *
* Dependant on powerdown selection bits PD0 and PD1
Use repeated STARTs to secure the
bus operation and loop back to the
stage of write-addressing for the
next conversion.
3.7µs
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com