Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1541-BTST Datasheet(PDF) 18 Page - ams AG

Part # AS1541-BTST
Description  8/4-Channel, 10-Bit I짼C Analog-to-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1541-BTST Datasheet(HTML) 18 Page - ams AG

Back Button AS1541-BTST Datasheet HTML 12Page - ams AG AS1541-BTST Datasheet HTML 13Page - ams AG AS1541-BTST Datasheet HTML 14Page - ams AG AS1541-BTST Datasheet HTML 15Page - ams AG AS1541-BTST Datasheet HTML 16Page - ams AG AS1541-BTST Datasheet HTML 17Page - ams AG AS1541-BTST Datasheet HTML 18Page - ams AG AS1541-BTST Datasheet HTML 19Page - ams AG AS1541-BTST Datasheet HTML 20Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
www.austriamicrosystems.com
Revision 1.02
18 - 20
AS1539/AS1541
Data Sheet - P a c k age Drawin gs an d Ma rkings
Figure 31. TQFN 4x4 16-pin Package
Notes:
1. Dimensioning and tolerancing conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters, angle is in degrees.
3. N is the total number of terminals.
4. Terminal #1 identifier and terminal numbering convention shall conform to JESD 95-1 SPP-012. Details of ter-
minal #1 identifier are optional, but must be located within the area indicated. The terminal #1 identifier may be
either a mold, embedded metal or mark feature.
5. Dimension b applies to metallized terminal and is measured between 0.15 and 0.30mm from terminal tip.
6. ND refers to the maximum number of terminals on D side.
7. Unilateral coplanarity zone applies to the exposed heat sink slug as well as the terminals.
Symbol
Min
Typ
Max
Notes
A
0.70
0.75
0.80
1, 2
A1
0.00
0.02
0.05
1, 2
L
0.45
0.55
0.65
1, 2
L1
0.03
0.15
1, 2
K0.20
1, 2
aaa0.101, 2
bbb0.101, 2
ccc
0.10
1, 2
ddd0.051, 2
Symbol
Min
Typ
Max
Notes
D BSC
4.00
1, 2
E BSC
4.00
1, 2
D2
2.00
2.15
2.25
1, 2
E2
2.00
2.15
2.25
1, 2
b
0.25
0.30
0.35
1, 2, 5
e0.65
N16
1, 2
ND
4
1, 2, 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com