Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPD57045S Datasheet(PDF) 5 Page - STMicroelectronics

Part # XPD57045S
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XPD57045S Datasheet(HTML) 5 Page - STMicroelectronics

  XPD57045S Datasheet HTML 1Page - STMicroelectronics XPD57045S Datasheet HTML 2Page - STMicroelectronics XPD57045S Datasheet HTML 3Page - STMicroelectronics XPD57045S Datasheet HTML 4Page - STMicroelectronics XPD57045S Datasheet HTML 5Page - STMicroelectronics XPD57045S Datasheet HTML 6Page - STMicroelectronics XPD57045S Datasheet HTML 7Page - STMicroelectronics XPD57045S Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5/8
PD57045 PD57045S
6.4 inches
Output Power vs. Drain Voltage
16
18
20
22
24
26
28
30
32
34
VDS, DRAIN-SOURCE VOLTAGE (V)
10
20
30
40
50
60
70
80
Pin= 2W
Pin= 1W
Pin=3W
Pin= 1.5W
f=945MHz
Vdd= 28V
Idq=250mA
Output Power vs. Gate Bias Voltage
0
0.5
1
1.5
2
2.5
3
3.5
4
VGS, GATE BIAS VOLTAGE (V)
0
10
20
30
40
50
Pin= 1.5W
Vdd= 28V
f=945MHz
TYPICAL PERFORMANCE PD57045S
TEST CIRCUIT PHOTOMASTER



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com