Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPD57045S Datasheet(PDF) 6 Page - STMicroelectronics

Part # XPD57045S
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XPD57045S Datasheet(HTML) 6 Page - STMicroelectronics

  XPD57045S Datasheet HTML 1Page - STMicroelectronics XPD57045S Datasheet HTML 2Page - STMicroelectronics XPD57045S Datasheet HTML 3Page - STMicroelectronics XPD57045S Datasheet HTML 4Page - STMicroelectronics XPD57045S Datasheet HTML 5Page - STMicroelectronics XPD57045S Datasheet HTML 6Page - STMicroelectronics XPD57045S Datasheet HTML 7Page - STMicroelectronics XPD57045S Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PD57045 PD57045S
6/8
TEST CIRCUIT SCHEMATIC
TEST CIRCUIT COMPONENT PART LIST
L1
INDUCTOR, 5TURNS AIR WOUND #22AWG,
ID=0.059{1.49}, NYLON COATED MAGNET WIRE
C7
7.5pF ATC 100B SURFACE MOUNT CERAMIC CHIP
CAPACITOR
L2
INDUCTOR, 5TURNS AIR WOUND #22AWG,
ID=0.059{1.49}, NYLON COATED MAGNET WIRE
C8
7.5pF ATC 100B SURFACE MOUNT CERAMIC CHIP
CAPACITOR
FB1
SHIELD BEAD SURFACE MOUNT EMI
C9
0.8-8.0pF GIGA TRIM VARIABLE CAPACITOR
FB2
SHIELD BEAD SURFACE MOUNT EMI
C10
47pF ATC 100B SURFACE MOUNT CERAMIC CHIP
CAPACITOR
R1
18K OHM, 1W SURFACE MOUNT CHIP RESI STOR
C11
47pF ATC 100B SURFACE MOUNT CERAMIC CHIP
CAPACITOR
R2
4.7M OHM, 1W SURFACE MOUNT CHIP RESI STOR
C12
1000pF ATC 700B SURFACE MOUNT CERAMIC CHIP
CAPACITOR
R3
120 OHM,2W SURFACE MOUNT CHIP RESI STOR
C13
0.1
µF/500V SURFACE MOUNT CERAMIC CHIP
CAPACITOR
C1
3pF ATC 100B SURFACE MOUNT CERAMIC CHIP
CAPACITOR
C14
10
µF/50V ALUMINNUM ELECTROLYTIC RADIAL LEAD
CAPACITOR
C2
3pF ATC 100B SURFACE MOUNT CERAMIC CHIP
CAPACITOR
C15
47pF ATC 100B SURFACE MOUNT CERAMIC CHIP
CAPACITOR
C3
47pF ATC 100B SURFACE MOUNT CERAMIC CHIP
CAPACITOR
C16
100pF ATC 100B SURFACE MOUNT CERAMIC CHIP
CAPACITOR
C4
0.8-8.0pF GIGA TRIM VARIABLE CAPACITOR
C17
0.1
µF/500V SURFACE MOUNT CERAMIC CHIP
CAPACITOR
C5
7.5pF ATC 100B SURFACE MOUNT CERAMIC CHIP
CAPACITOR
C18
220
µF/63V ALUMINUM ELECTROLYTIC RADIAL LEAD
CAPACITOR
C6
7.5pF ATC 100B SURFACE MOUNT CERAMIC CHIP
CAPACITOR
Board
ROGER, ULTRA LAM 2000 THK 0.030”
ε
r = 2.55 2oz ED
Cu 2 SIDES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com