Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS557-01 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS557-01
Description  PCI-EXPRESS GEN1 CLOCK SOURCE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS557-01 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS557-01 Datasheet HTML 1Page - Renesas Technology Corp ICS557-01 Datasheet HTML 2Page - Renesas Technology Corp ICS557-01 Datasheet HTML 3Page - Renesas Technology Corp ICS557-01 Datasheet HTML 4Page - Renesas Technology Corp ICS557-01 Datasheet HTML 5Page - Renesas Technology Corp ICS557-01 Datasheet HTML 6Page - Renesas Technology Corp ICS557-01 Datasheet HTML 7Page - Renesas Technology Corp ICS557-01 Datasheet HTML 8Page - Renesas Technology Corp ICS557-01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ICS557-01
PCI-EXPRESS GEN1 CLOCK SOURCE
PCIE
IDT® PCI-EXPRESS GEN1 CLOCK SOURCE
4
ICS557-01
REV P 072512
PCI-Express Layout Guidelines
Figure 1: PCI-Express Device Routing
Typical PCI-Express (HCSL) Waveform
Common Recommendations for Differential Routing
Dimension or Value
Unit
Figure
Notes
L1 length, Route as non-coupled 50 ohm trace.
0.5 max
inch
1,2
L2 length, Route as non-coupled 50 ohm trace.
0.2 max
inch
1,2
L3 length, Route as non-coupled 50 ohm trace.
0.2 max
inch
1,2
RS
33
ohm
1,2
RT
49.9
ohm
1,2
Differential Routing on a Single PCB
Dimension or Value
Unit
Figure
Notes
L4 length, Route as coupled microstrip 100 ohm differential trace.
2 min to 16 max
inch
1
L4 length, Route as coupled stripline 100 ohm differential trace.
1.8 min to 14.4 max
inch
1
Differential Routing to a PCI Express Connector
Dimension or Value
Unit
Figure
Notes
L4 length, Route as coupled microstrip 100 ohm differential trace.
0.25 to 14 max
inch
2
L4 length, Route as coupled stripline 100 ohm differential trace.
0.225 min to 12.6 max
inch
2
R
S
R
S
R
T
R
T
PCI-Express
Load or
Connector
L1
L2
L3’
L4
L1’
L2’
L3
L4’
ICS557-01
Output
Clock
0.175 V
0.52 V
0.175 V
0.52 V
t
OR
t
OF
500 ps
500 ps
700 mV
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com