Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS557-01 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS557-01
Description  PCI-EXPRESS GEN1 CLOCK SOURCE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS557-01 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS557-01 Datasheet HTML 1Page - Renesas Technology Corp ICS557-01 Datasheet HTML 2Page - Renesas Technology Corp ICS557-01 Datasheet HTML 3Page - Renesas Technology Corp ICS557-01 Datasheet HTML 4Page - Renesas Technology Corp ICS557-01 Datasheet HTML 5Page - Renesas Technology Corp ICS557-01 Datasheet HTML 6Page - Renesas Technology Corp ICS557-01 Datasheet HTML 7Page - Renesas Technology Corp ICS557-01 Datasheet HTML 8Page - Renesas Technology Corp ICS557-01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ICS557-01
PCI-EXPRESS GEN1 CLOCK SOURCE
PCIE
IDT® PCI-EXPRESS GEN1 CLOCK SOURCE
2
ICS557-01
REV P 072512
Pin Assignment
Pin Descriptions
1
2
3
X1
4
X2
VD D
IR E F
GN D
CL K
CL K
8
7
6
5
OE
8 P i n ( 1 5 0 mi l ) S O I C
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
OE
Input
Output Enable signal
(H = outputs are enabled, L = outputs are disabled/tristated).
Internal pull-up resistor.
2
X1
Input
Crystal or clock input. Connect to a 25 MHz crystal or single ended clock.
3
X2
XO
Crystal Connection. Connect to a parallel mode crystal.
Leave floating if clock input.
4
GND
Power
Connect to ground.
5
IREF
Output
A 475
Ω precision resistor connected between this pin and ground
establishes the external reference current.
6
CLK
Output
HCSL differential complementary clock output.
7
CLK
Output
HCSL differential clock output.
8
VDD
Power
Connect to +3.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com