Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA7283-01FVC Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # DA7283-01FVC
Description  Ultra-Low Power LRA Haptic Driver with Multiple Input Triggers and Software-Free Operation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7283-01FVC Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button DA7283-01FVC Datasheet HTML 9Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 10Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 11Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 12Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 13Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 14Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 15Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 16Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Ultra-Low Power LRA Haptic Driver with Multiple Input Triggers and Software-Free Operation
R15DS0040EE0320 Rev.3.20
June 16, 2026
CFR0011-120-00
Page 13
overall solution cost. In the typical application case, only a single 100 nF decoupling capacitor is required. See
Section 10 and Section 11.
6.2
Functional Modes
6.2.1
System States
The device states and the transitions into and out of each state are shown in Figure 5. When a power supply is
applied on the VDD pin and VDDIO/EN pin is set high, DA7283 loads its initial boot settings. Once BOOT is
complete, DA7283 remains in the IDLE state, ensuring low power consumption and low start-up latency, and
awaits GPI triggering. DA7283 enters the DRIVE state and starts playback when one of the three GPI pins
receives a falling edge from the host controlling the device, see Section 6.2.2. On playback completion, caused
either by a GPI triggered sequence reaching its end or a second negative edge on any of the GPIs, DA7283
leaves the DRIVE state and returns to IDLE.
If a fault condition arises during playback, DA7283 cancels the ongoing playback and returns to the IDLE state.
Possible fault conditions include an UVLO event, an over-temperature event, a short circuit protection event, and
an actuator over- or under-impedance event.
IDLE
(IQ = 0.68 µA)
BOOT
Boot
complete
in 1.5 ms
OFF
(IQ = 5 nA)
DRIVE
Start driving
0.75 ms after GPI
trigger
VDD
V
VDDIOEN
V
Stop driving
after timeout
or GPI trigger
DA7283 returns to
the IDLE state in a
fault condition
Return to OFF at any
time if:
VDDIOEN = 0 V or
VDD < 2.6 V
Figure 5. System state diagram
NOTE
An optional one-time device configuration can be performed after the initial BOOT sequence by going once through the
DRIVE state via GPI_2, see Section 6.3.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com