Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA7283-01FVC Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # DA7283-01FVC
Description  Ultra-Low Power LRA Haptic Driver with Multiple Input Triggers and Software-Free Operation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7283-01FVC Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button DA7283-01FVC Datasheet HTML 16Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 17Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 18Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 19Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 20Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 21Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 22Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 23Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Ultra-Low Power LRA Haptic Driver with Multiple Input Triggers and Software-Free Operation
R15DS0040EE0320 Rev.3.20
June 16, 2026
CFR0011-120-00
Page 21
10. Application Information
DA7283
GPI_0
GPI_1
GPI_2
VDDIO/EN
GND_2
VDD
GND_1
VDD
LRA
OUTN
OUTP
C1
100 nF
GND_3
GND_4
GND_5
Figure 14. External components diagram
NOTE
Drive the GPI pins and the VDDIO/EN pin from the same voltage level.
NOTE
Ground any unused GPI pins.
NOTE
Due to ultra-low power considerations, GPI pins are true high impedance inputs and have no internal pulldown resistors. It
is recommended to drive GPI pins either via a push-pull or open drain GPIO on the host side. In either case, the duration
of the triggering pulse must be longer than 25 µs. When using an open drain GPIO to trigger a haptic effect, the pullup
resistor must be selected to satisfy the 25 µs condition while considering PCB parasitic capacitance. A 10 kΩ resistor
would satisfy most use cases.
NOTE
Capacitor C1 should be placed as close as possible to, and between, VDD and GND_1 pins. It removes high-frequency
noise only; ensure additional decoupling (typ. 10 µF) is included elsewhere in the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com