Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9FG104E Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS9FG104E
Description  FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9FG104E Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS9FG104E Datasheet HTML 1Page - Renesas Technology Corp ICS9FG104E Datasheet HTML 2Page - Renesas Technology Corp ICS9FG104E Datasheet HTML 3Page - Renesas Technology Corp ICS9FG104E Datasheet HTML 4Page - Renesas Technology Corp ICS9FG104E Datasheet HTML 5Page - Renesas Technology Corp ICS9FG104E Datasheet HTML 6Page - Renesas Technology Corp ICS9FG104E Datasheet HTML 7Page - Renesas Technology Corp ICS9FG104E Datasheet HTML 8Page - Renesas Technology Corp ICS9FG104E Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ICS9FG104E
FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA
IDT®
FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA
3
ICS9FG104E
REV D 102912
Pin Descriptions
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
XIN/CLKIN
IN
Crystal input or Reference Clock input
2
X2
OUT
Crystal output, Nominally 14.318MHz
3
VDD
PWR
Power supply, nominal 3.3V
4
GND
PWR
Ground pin.
5
REFOUT
OUT
Reference Clock output
6
vFS2
IN
Frequency select pin. This pin has an internal 120k pull down resistor
7
DIF_3
OUT
0.7V differential true clock output
8
DIF_3#
OUT
0.7V differential Complementary clock output
9
VDD
PWR
Power supply, nominal 3.3V
10
GND
PWR
Ground pin.
11
DIF_2
OUT
0.7V differential true clock output
12
DIF_2#
OUT
0.7V differential Complementary clock output
13
SDATA
I/O
Data pin for SMBus circuitry, 3.3V tolerant.
14
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
15
DIF_STOP#
IN
Active low input to stop differential output clocks.
16
vSPREAD
IN
Asynchronous, active high input to enable spread spectrum functionality. This pin
has a 120Kohm pull down resistor.
17
^SEL14M_25M#
IN
Select 14.31818 MHz or 25 Mhz input frequency. This pin has an internal 120kohm
pull up resistor.
1 = 14.31818 MHz, 0 = 25 MHz
18
DIF_1#
OUT
0.7V differential Complementary clock output
19
DIF_1
OUT
0.7V differential true clock output
20
GND
PWR
Ground pin.
21
VDD
PWR
Power supply, nominal 3.3V
22
DIF_0#
OUT
0.7V differential Complementary clock output
23
DIF_0
OUT
0.7V differential true clock output
24
vFS1
IN
3.3V Frequency select latched input pin with internal 120kohm pull down resistor.
25
vFS0
IN
3.3V Frequency select latched input pin with internal 120kohm pull down resistor.
26
IREF
OUT
This pin establishes the reference current for the differential current-mode output
pairs. This pin requires a fixed precision resistor tied to ground in order to establish
the appropriate current. 475 ohms is the standard value.
27
GNDA
PWR
Ground pin for the PLL core.
28
VDDA
PWR
3.3V power for the PLL core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com