Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9FG104E Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS9FG104E
Description  FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9FG104E Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS9FG104E Datasheet HTML 1Page - Renesas Technology Corp ICS9FG104E Datasheet HTML 2Page - Renesas Technology Corp ICS9FG104E Datasheet HTML 3Page - Renesas Technology Corp ICS9FG104E Datasheet HTML 4Page - Renesas Technology Corp ICS9FG104E Datasheet HTML 5Page - Renesas Technology Corp ICS9FG104E Datasheet HTML 6Page - Renesas Technology Corp ICS9FG104E Datasheet HTML 7Page - Renesas Technology Corp ICS9FG104E Datasheet HTML 8Page - Renesas Technology Corp ICS9FG104E Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ICS9FG104E
FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA
IDT®
FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA
2
ICS9FG104E
REV D 102912
Pin Configuration
Power Groups
Frequency Select Table
XIN/CLKIN
1
28 VDDA
X2
2
27 GNDA
VDD
3
26 IREF
GND
4
25 vFS0
REFOUT
5
24 vFS1
vFS2
6
23 DIF_0
DIF_3
7
22 DIF_0#
DIF_3#
8
21 VDD
VDD
9
20 GND
GND 10
19 DIF_1
DIF_2 11
18 DIF_1#
DIF_2# 12
17 ^SEL14M_25M#
SDATA 13
16 vSPREAD
SCLK 14
15 DIF_STOP#
^ Pin has internal 120K pull up
v Pin has internal 120K pull down
VDD
GND
34
9,21
10,20
28
27
IREF, Analog VDD, GND for PLL Core
Description
Pin Number
REFOUT, Digital Inputs
DIF Outputs
SEL14M_25M#
(FS3)
FS2 FS1 FS0 OUTPUT(MHz)
0
0
0
0
100.00
0
0
0
1
125.00
0
0
1
0
133.33
0
0
1
1
166.67
0
1
0
0
200.00
0
1
0
1
266.00
0
1
1
0
333.00
0
1
1
1
400.00
1
0
0
0
100.00
1
0
0
1
125.00
1
0
1
0
133.33
1
0
1
1
166.67
1
1
0
0
200.00
1
1
0
1
266.00
1
1
1
0
333.00
1
1
1
1
400.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com