Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG174 Datasheet(PDF) 1 Page - Pro-Power

Part # RG174
Description  50Ω Coaxial Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

RG174 Datasheet(HTML) 1 Page - Pro-Power

  RG174 Datasheet HTML 1Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
04/06/13
50
Ω Coaxial Cable
Specifications:
Construction
Conductor
: Stranded copper clad steel conductor
Insulation
: Solid polyethylene
Screen
: Tinned copper braid
Sheath
: PVC, Black
Technical Information
Cable Diameter
: 2.8mm nominal
Rated Temperature
: 70°C
Conductor Resistance : ≤337Ω /km
Insulation Resistance : >10,000MΩkm
Nominal Velocity Ratio : 67%
Capacitance
: <105pF/m
Impedance
: 50 ±3Ω
Attenuation / dB/100m @ 20°C ±10%
10MHz
< 9.5
50MHz
< 18
100MHz
< 27
200MHz
< 40
400MHz
< 59
1,000MHz
< 98.5
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Cable, Coax, 50M, Black, RG174A/U
RG174/AU 50M
Cable, Coax, RG174AU, 100M
RG174/AU 100M
Cable, Coax, RG174AU, 500M
RG174/AU 500M
Cable, Coax, Per M, Black, RG174A/U
RG174/AU


Similar Part No. - RG174

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
RG174 CRYSTEKCRYSTAL-RG174 Datasheet
1Mb / 2P
RG174 50 Ohm Coaxial Cables
logo
Harwin Plc
RG174 HARWIN-RG174 Datasheet
442Kb / 14P
Component Specification M80 & M83 Series Rectangular Connectors
November 2022
logo
Qualwave Inc. All right...
RG174 QUALWAVE-RG174 Datasheet
121Kb / 1P
Flexible RF Cables & Assemblies
Rev 1.2
logo
Infinite Electronics In...
RG174-BULK FAIRVIEW-RG174-BULK Datasheet
458Kb / 3P
RG174 Flexible Coax Cable Black PVC Jacket
REV 1.1A
logo
ITT Industries
RG174/U ITT-RG174/U Datasheet
452Kb / 39P
RF Coaxial Connectors
More results

Similar Description - RG174

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
047-12SMP MINI-047-12SMP Datasheet
287Kb / 2P
Coaxial Cable
047-12SMPR MINI-047-12SMPR Datasheet
291Kb / 2P
Coaxial Cable
047-6SMPRC MINI-047-6SMPRC Datasheet
291Kb / 2P
Coaxial Cable
086-3SMR MINI-086-3SMR Datasheet
358Kb / 2P
Coaxial Cable
086-5SM MINI-086-5SM Datasheet
561Kb / 3P
Coaxial Cable
086-8SM MINI-086-8SM Datasheet
558Kb / 3P
Coaxial Cable
086-9SM MINI-086-9SM Datasheet
564Kb / 3P
Coaxial Cable
086-4SBSMR MINI-086-4SBSMR Datasheet
388Kb / 2P
Coaxial Cable
086-6SMRC MINI-086-6SMRC Datasheet
284Kb / 2P
Coaxial Cable
logo
Teledyne Technologies I...
CT-48K TELEDYNE-CT-48K Datasheet
866Kb / 10P
Internal 50Ω Termination DC-40 GHz Normally Open Multi-Throw Coaxial Switch
04/2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com