Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853S12 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS853S12
Description  LOW SKEW, 1-TO-12, DIFFERENTIAL-TO- 3.3V, 2.5V LVPECL FANOUT BUFFER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS853S12 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS853S12 Datasheet HTML 9Page - Renesas Technology Corp ICS853S12 Datasheet HTML 10Page - Renesas Technology Corp ICS853S12 Datasheet HTML 11Page - Renesas Technology Corp ICS853S12 Datasheet HTML 12Page - Renesas Technology Corp ICS853S12 Datasheet HTML 13Page - Renesas Technology Corp ICS853S12 Datasheet HTML 14Page - Renesas Technology Corp ICS853S12 Datasheet HTML 15Page - Renesas Technology Corp ICS853S12 Datasheet HTML 16Page - Renesas Technology Corp ICS853S12 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
IDT™ / ICS™ LVPECL FANOUT BUFFER
13
ICS853S12AKI REV. A MAY 21, 2008
ICS853S12I
LOW SKEW, 1-TO-12, DIFFERENTIAL-TO-3.3V, 2.5V LVPECL FANOUT BUFFER
3. Calculations and Equations.
The purpose of this section is to derive the power dissipated into the load.
LVPECL output driver circuit and termination are shown in
Figure 6.
To calculate worst case power dissipation into the load, use the following equations which assume a 50
Ω load, and a termination
voltage of V
CC
- 2V.
•
For logic high, V
OUT
= V
OH_MAX
= V
CC_MAX
– 0.8V
(V
CC_MAX
- V
OH_MAX
) = 0.8V
•
For logic low, V
OUT
= V
OL_MAX
= V
CC_MAX
– 1.6V
(V
CC_MAX
- V
OL_MAX
) = 1.6V
Pd_H is power dissipation when the output drives high.
Pd_L is the power dissipation when the output drives low.
Pd_H = [(V
OH_MAX
– (V
CC_MAX
- 2V))/R
L
] * (V
CC_MAX
- V
OH_MAX
) = [(2V - (V
CC_MAX
- V
OH_MAX
))/R
L
] * (V
CC_MAX
- V
OH_MAX
) =
[(2V - 0.8V)/50
Ω] * 0.8V = 19.2mW
Pd_L = [(V
OL_MAX
– (V
CC_MAX
- 2V))/R
L
] * (V
CC_MAX
- V
OL_MAX
) = [(2V - (V
CC_MAX
- V
OL_MAX
))/R
L
] * (V
CC_MAX
- V
OL_MAX
) =
[(2V - 1.6V)/50
Ω] * 1.6V = 12.8mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 32mW
FIGURE 6. LVPECL DRIVER CIRCUIT AND TERMINATION
V
OUT
V
CC
V
CC - 2V
Q1
RL
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com