Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853S12 Datasheet (PDF) - Renesas Technology Corp

ICS853S12 Datasheet PDF - Renesas Technology Corp
Part # ICS853S12
Download  ICS853S12 Download
File Size   441.51 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW SKEW, 1-TO-12, DIFFERENTIAL-TO- 3.3V, 2.5V LVPECL FANOUT BUFFER

ICS853S12 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS853S12 Datasheet PDF - Renesas Technology Corp

Part # ICS853S12
Download  ICS853S12 Click to download

File Size   441.51 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW SKEW, 1-TO-12, DIFFERENTIAL-TO- 3.3V, 2.5V LVPECL FANOUT BUFFER

ICS853S12 Datasheet (HTML) - Renesas Technology Corp


ICS853S12 Product details

• Twelve differential 3.3V, 2.5V LVPECL outputs
• PCLK, nPCLK input pair
• PCLK, nPCLK pair can accept the following differential
input levels: LVPECL, CML, SSTL
• Maximum output frequency: 1.5GHz
• Translates any single-ended input signal to 2.5V or 3.3V
LVPECL levels with a resistor bias on nPCLK input
• Additive phase jitter, RMS: 0.06ps (typical)
• Output skew: 50ps (maximum)
• Part-to-part skew: 250ps (maximum)
• Propagation delay: 680ps (maximum)
• Full 3.3V or 2.5V operating supply modes
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - ICS853S12

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S12I IDT-ICS853S12I Datasheet
336Kb / 17P
Maximum output frequency
logo
Renesas Technology Corp
ICS853S12I RENESAS-ICS853S12I Datasheet
475Kb / 18P
LOW SKEW, 1-TO-12, DIFFERENTIAL-TO- 3.3V, 2.5V LVPECL FANOUT BUFFER
MAY 21, 2008
More results


Similar Description - ICS853S12

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85314-01 ICST-ICS85314-01 Datasheet
112Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. B JUNE 21, 2002
ICS85314I-01 ICST-ICS85314I-01 Datasheet
252Kb / 19P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. E SEPTEMBER 23, 2005
ICS85314I-11 ICST-ICS85314I-11 Datasheet
250Kb / 18P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. C MAY 24, 2005
ICS858012 ICST-ICS858012 Datasheet
231Kb / 15P
LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL FANOUT BUFFER
REV. A NOVEMBER 28, 2005
logo
Integrated Device Techn...
ICS853S024 IDT-ICS853S024 Datasheet
748Kb / 16P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-3.3V, 2.5V LVPECL FANOUT BUFFER
ICS853S004I IDT-ICS853S004I Datasheet
278Kb / 20P
Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
85314I-01 RENESAS-85314I-01 Datasheet
473Kb / 21P
Low Skew, 1-to-5 Differential-to-2.5V/3.3V LVPECL Fanout Buffer
DECEMBER 19, 2014
ICS853S004I RENESAS-ICS853S004I Datasheet
474Kb / 21P
Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
May 27, 2017
ICS853S024 RENESAS-ICS853S024 Datasheet
1,006Kb / 20P
Low Skew, 1-to-24, Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
JULY 20, 2011
ICS853S12I RENESAS-ICS853S12I Datasheet
475Kb / 18P
LOW SKEW, 1-TO-12, DIFFERENTIAL-TO- 3.3V, 2.5V LVPECL FANOUT BUFFER
MAY 21, 2008
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com