Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31007R Datasheet(PDF) 1 Page - Pro-Signal

Part # 31007R
Description  BT Plug to BT Plug Extension Leads
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

31007R Datasheet(HTML) 1 Page - Pro-Signal

  31007R Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Price Each
Description
Order Code
4 Way Leads - White
3m
133-5094
5m
133-5095
10m
133-5096
15m
133-5097
20m
133-5098
6 Way Leads - White
3m
133-5099
5m
133-5100
10m
133-5101
15m
133-5102
20m
133-5103
6 Way Leads - Grey
3m
133-5104
5m
133-5105
10m
133-5106
15m
133-5107
20m
133-5109
BT Plug to BT Plug Extension Leads
Ì 4 way (431A) and 6 way (631A) telephone extension leads
Ì Available in a variety of lengths
416020.409079


Similar Part No. - 31007R

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
310071 METZ-310071 Datasheet
321Kb / 5P
pin header, solderable
310071XX METZ-310071XX Datasheet
336Kb / 5P
screw type terminal block, pluggable
More results

Similar Description - 31007R

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
BT05-2A66 MEDER-BT05-2A66 Datasheet
76Kb / 1P
BT Reed Relay
BT05-2A75 MEDER-BT05-2A75 Datasheet
83Kb / 2P
BT Reed Relay
BTS05-2A85 MEDER-BTS05-2A85 Datasheet
82Kb / 2P
BT Reed Relay
BT05-2A66_DE MEDER-BT05-2A66_DE Datasheet
93Kb / 1P
(deutsch) BT Reed Relay
BT05-2A75_DE MEDER-BT05-2A75_DE Datasheet
101Kb / 2P
(deutsch) BT Reed Relay
logo
Cypress Semiconductor
CY8CKIT-062-WIFI-BT CYPRESS-CY8CKIT-062-WIFI-BT Datasheet
188Kb / 3P
CY8CKIT-062-WiFi-BT PSoC짰 6 WiFi-BT Pioneer Kit Release Notes
logo
Infineon Technologies A...
CYBT-213043-02 INFINEON-CYBT-213043-02 Datasheet
1Mb / 46P
EZ-BT Module
Revised February 24, 2022
CYBT-243053-02 INFINEON-CYBT-243053-02 Datasheet
687Kb / 46P
EZ-BT Module
Rev. A February 24, 2022
logo
Lapp.
53015410 LAPP-53015410 Datasheet
118Kb / 2P
SKINTOP® BT
23.11.2021
53017420 LAPP-53017420 Datasheet
327Kb / 2P
SKINTOP® BT-M
25.11.2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com