Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN6667 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # FN6667
Description  Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6667 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button FN6667 Datasheet HTML 7Page - Renesas Technology Corp FN6667 Datasheet HTML 8Page - Renesas Technology Corp FN6667 Datasheet HTML 9Page - Renesas Technology Corp FN6667 Datasheet HTML 10Page - Renesas Technology Corp FN6667 Datasheet HTML 11Page - Renesas Technology Corp FN6667 Datasheet HTML 12Page - Renesas Technology Corp FN6667 Datasheet HTML 13Page - Renesas Technology Corp FN6667 Datasheet HTML 14Page - Renesas Technology Corp FN6667 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
ISL12020M
FN6667 Rev 6.00
Page 11 of 34
January 9, 2015
General Description
The ISL12020M device is a low power Real Time Clock (RTC) with
embedded temperature sensor and crystal. It contains crystal
frequency compensation circuitry over the temperature range of
0°C to 85°C good to ±5ppm accuracy. It also contains a
clock/calendar with Daylight Savings Time (DST) adjustment,
power fail and low battery monitors, brownout indicator, 1 periodic
or polled alarm, intelligent battery-backup switching and 128
Bytes of battery-backed user SRAM.
The oscillator uses an internal 32.768kHz crystal. The real time
clock tracks time with separate registers for hours, minutes and
seconds. The device has calendar registers for date, month, year
and day of the week. The calendar is accurate through 2099,
with automatic leap year correction. In addition, both the
ISL12020M could be programmed for automatic Daylight
Savings Time (DST) adjustment by entering local DST
information.
The ISL12020M’s alarm can be set to any clock/calendar value
for a match. For example, every minute, every Tuesday or at
5:23 AM on March 21. The alarm status is available by checking
the Status Register, or the device can be configured to provide a
hardware interrupt via the IRQ/FOUT pin. There is a repeat mode
for the alarm allowing a periodic interrupt every minute, every
hour, every day, etc.
The device also offers a backup power input pin. This VBAT pin
allows the device to be backed up by battery or Super Capacitor
with automatic switchover from VDD to VBAT. The ISL12020M
device is specified for VDD = 2.7V to 5.5V and the clock/calendar
portion of the device remains fully operational in battery-backup
mode down to 1.8V (Standby Mode). The VBAT level is monitored
and reported against preselected levels. The first report is
registered when the VBAT level falls below 85% of nominal level,
the second level is set for 75%. Battery levels are stored in
PWR_VBAT registers.
The ISL12020M offers a “Brownout” alarm once the VDD falls
below a preselected trip level. This allows system Micro to save
vital information to memory before complete power loss. There
are six VDD levels that could be selected for initiation of the
Brownout alarm.
Functional Description
Power Control Operation
The power control circuit accepts a VDD and a VBAT input. Many
types of batteries can be used with Intersil RTC products. For
example, 3.0V or 3.6V Lithium batteries are appropriate and
battery sizes are available that can power the ISL12020M for up
to 10 years. Another option is to use a Super Capacitor for
applications where VDD is interrupted for up to a month. See the
“Application Section” on page 28 for more information.
Normal Mode (VDD) to Battery-Backup Mode
(VBAT)
To transition from the VDD to VBAT mode, both of the following
conditions must be met:
Condition 1:
VDD < VBAT - VBATHYS
where VBATHYS  50mV
Condition 2:
VDD < VTRIP
where VTRIP  2.2V
Battery-Backup Mode (VBAT) to Normal Mode
(VDD)
The ISL12020M device will switch from the VBAT to VDD mode
when one of the following conditions occurs:
Condition 1:
VDD > VBAT + VBATHYS
where VBATHYS 50mV
Condition 2:
VDD > VTRIP + VTRIPHYS
where VTRIPHYS  30mV
These power control situations are illustrated in Figures 13 and
14.
FIGURE 11. IDD with TSE = 1 vs TEMPERATURE
FIGURE 12. OSCILLATOR CHANGE vs TEMPERATURE AT DIFFERENT
AGING SETTINGS (IATR) (BETA SET FOR 1ppm STEPS)
Typical Performance Curves Temperature is +25°C unless otherwise specified. (Continued)
40
50
60
70
80
90
100
110
-40
-20
0
204060
80
TEMPERATURE (°C)
VBAT = 2.7V
VDD = 3.3V
VDD = 5.5V
-80
-60
-40
-20
0
20
40
60
80
-40
-20
0
20
406080
TEMPERATURE (°C)
62.5ppm
32ppm
0ppm
-31ppm
-61.5ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com