Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN6667 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # FN6667
Description  Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6667 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button FN6667 Datasheet HTML 11Page - Renesas Technology Corp FN6667 Datasheet HTML 12Page - Renesas Technology Corp FN6667 Datasheet HTML 13Page - Renesas Technology Corp FN6667 Datasheet HTML 14Page - Renesas Technology Corp FN6667 Datasheet HTML 15Page - Renesas Technology Corp FN6667 Datasheet HTML 16Page - Renesas Technology Corp FN6667 Datasheet HTML 17Page - Renesas Technology Corp FN6667 Datasheet HTML 18Page - Renesas Technology Corp FN6667 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
ISL12020M
FN6667 Rev 6.00
Page 15 of 34
January 9, 2015
Real Time Clock Registers
Addresses [00h to 06h]
RTC REGISTERS (SC, MN, HR, DT, MO, YR, DW)
These registers depict BCD representations of the time. As such,
SC (Seconds) and MN (Minutes) range from 0 to 59, HR (Hour)
can either be a 12-hour or 24-hour mode, DT (Date) is 1 to 31,
MO (Month) is 1 to 12, YR (Year) is 0 to 99 and DW (Day of the
Week) is 0 to 6.
The DW register provides a Day of the Week status and uses three
bits DW2 to DW0 to represent the seven days of the week. The
counter advances in the cycle 0-1-2-3-4-5-6-0-1-2-…
The assignment of a numerical value to a specific day of the
week is arbitrary and may be decided by the system software
designer. The default value is defined as “0”.
24-HOUR TIME
If the MIL bit of the HR register is “1”, the RTC uses a 24-hour
format. If the MIL bit is “0”, the RTC uses a 12-hour format and
HR21 bit functions as an AM/PM indicator with a “1”
representing PM. The clock defaults to 12-hour format time with
HR21 = “0”.
LEAP YEARS
Leap years add the day February 29 and are defined as those years
that are divisible by 4. Years divisible by 100 are not leap years,
unless they are also divisible by 400. This means that the year 2000
is a leap year and the year 2100 is not. The ISL12020M does not
correct for the leap year in the year 2100.
Control and Status Registers
(CSR)
Addresses [07h to 0Fh]
The Control and Status Registers consist of the Status Register,
Interrupt and Alarm Register, Analog Trimming and Digital
Trimming Registers.
Status Register (SR)
The Status Register is located in the memory map at address
07h. This is a volatile register that provides either control or
status of RTC failure (RTCF), Battery Level Monitor (LBAT85,
LBAT75), alarm trigger, Daylight Saving Time, crystal oscillator
enable and temperature conversion in progress bit.
20h
DSTCR
DstMoFd
DSTE
D
D
DstMoFd
20
DstMoFd
13
DstMoFd
12
DstMoFd
11
DstMoFd
10
1 to 12
00h
21h
DstDwFd
D
DstDwFd
E
DstWkFd
12
DstWkFd
11
DstWkFd
10
DstDwFd
12
DstDwFd
11
DstDwFd
10
0 to 6
00h
22h
DstDtFd
D
D
DstDtFd2
1
DstDtFd2
0
DstDtFd1
3
DstDtFd1
2
DstDtFd1
1
DstDtFd1
0
1 to 31
00h
23h
DstHrFd
D
D
DstHrFd2
1
DstHrFd2
0
DstHrFd1
3
DstHrFd1
2
DstHrFd1
1
DstHrFd1
0
0 to 23
00h
24h
DstMoRv
D
D
D
XDstMoR
v20
DstMoRv
13
DstMoR1
2v
DstMoRv
11
DstMoRv
10
01 to 12
00h
25h
DstDwRv
D
DstDwRv
E
DstWkrv1
2
DstWkRv
11
DstWkRv
10
DstDwRv
12
DstDwRv
11
DstDwRv
10
0 to 6
00h
26h
DstDtRv
D
D
DstDtRv2
1
DstDtRv2
0
DstDtRv1
3
DstDtRv1
2
DstDtRv1
1
DstDtRv1
0
01 to 31
00h
27h
DstHrRv
D
D
DstHrRv2
1
DstHrRv2
0
DstHrRv1
3
DstHrRv1
2
DstHrRv1
1
DstHrRv1
0
0 to 23
00h
28h
TEMP
TK0L
TK07
TK06
TK05
TK04
TK03
TK02
TK01
TK00
00 to FF
00h
29h
TK0M
000000
TK09
TK08
00 to 03
00h
2Ah
NPPM
NPPML
NPPM7
NPPM6
NPPM5
NPPM4
NPPM3
NPPM2
NPPM1
NPPM0
00 to FF
00h
2Bh
NPPMH
00000
NPPM10
NPPM9
NPPM8
00 to 07
00h
2Ch
XT0
XT0
D
D
D
XT4
XT3
XT2
XT1
XT0
00 to FF
XXh
2Dh
ALPHAH
ALPHAH
D
ALP_H6
ALP_H5
ALP_H4
ALP_H3
ALP_H2
ALP_H1
ALP_H0
00 to 7F
XXh
2Eh
GPM
GPM1
GPM17
GPM16
GPM15
GPM14
GPM13
GPM12
GPM11
GPM10
00 to FF
00h
2Fh
GPM2
GPM27
GPM26
GPM25
GPM24
GPM23
GPM22
GPM21
GPM20
00 to FF
00h
TABLE 1. REGISTER MEMORY MAP (X INDICATES DEFAULT VARIES WITH EACH DEVICE. YELLOW SHADING INDICATES THOSE BITS SHOULD NOT BE
CHANGED BY THE USER) (Continued)
ADDR. SECTION
REG
NAME
BIT
RANGE
DEFAULT
7
654321
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com