Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD913F2 Datasheet(PDF) 12 Page - STMicroelectronics

Part # PSD913F2
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F2 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PSD913F2 Datasheet HTML 8Page - STMicroelectronics PSD913F2 Datasheet HTML 9Page - STMicroelectronics PSD913F2 Datasheet HTML 10Page - STMicroelectronics PSD913F2 Datasheet HTML 11Page - STMicroelectronics PSD913F2 Datasheet HTML 12Page - STMicroelectronics PSD913F2 Datasheet HTML 13Page - STMicroelectronics PSD913F2 Datasheet HTML 14Page - STMicroelectronics PSD913F2 Datasheet HTML 15Page - STMicroelectronics PSD913F2 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 94 page
background image
PSD9XX Family
Preliminary Information
8
5.7 In-System Programming
Using the JTAG signals on Port C, the entire PSD9XX device can be programmed or
erased without the use of the microcontroller (ISP). The main Flash memory can also be
programmed in-system by the microcontroller executing the programming algorithms out of
the Secondary Flash memory, or SRAM (IAP). The Secondary Flash memory can be
programmed the same way by executing out of the main Flash memory. The PLD logic
or other PSD9XX configuration can be programmed through the JTAG port or a device
programmer. Table 4 indicates which programming methods can program different
functional blocks of the PSD9XX.
PSD9XX
Architectural
Overview
(cont.)
Device
Functional Block
JTAG-ISP
Programmer
IAP
Main Flash Memory
Yes
Yes
Yes
Secondary Flash Memory
Yes
Yes
Yes
PLD Array (DPLD and GPLD)
Yes
Yes
No
PSD Configuration
Yes
Yes
No
Table 4. Methods of Programming Different Functional Blocks of the PSD9XX
5.8 Power Management Unit
The Power Management Unit (PMU) in the PSD9XX gives the user control of the power
consumption on selected functional blocks based on system requirements. The PMU
includes an Automatic Power Down unit (APD) that will turn off device functions due to
microcontroller inactivity. The APD unit has a Power Down Mode that helps reduce power
consumption.
The PSD9XX also has some bits that are configured at run-time by the MCU to reduce
power consumption of the PLD. The turbo bit in the PMMR0 register can be turned off and
the PLD will latch its outputs and go to sleep until the next transition on its inputs.
Additionally, bits in the PMMR2 register can be set by the MCU to block signals from
entering the PLD to reduce power consumption. See section 9.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com