Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP00459 Datasheet(PDF) 1 Page - Pro-Signal

Part # AP00459
Description  Lead - Coaxial TV P-P
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

AP00459 Datasheet(HTML) 1 Page - Pro-Signal

  AP00459 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
17/09/12
Lead - Coaxial TV P-P
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Dimensions : Millimetres
Description
Part Number
Lead, Coaxial TV Plug to Plug, Black, 1M
AP00459
Specifications:
Connector Type A & B
: TV Coaxial Plug
Cable Assembly Type
: Audio / Video
Cable Length - Imperial
: 3.28ft
Cable Length - Metric
: 1m
Jacket Colour
: Black
Coaxial Type
: 3C2V 75R
Description of Cable:
1) Inner conductor
: 1 / ɸ0.5 Cu
2) Inner insulation
: ɸ3.1 PE
3) Screening (mylar)
: 13 / 0.025 Al foil
4) Braiding
: 32 / 0.1 Cu
5) Outer jacket
: ɸ5.0 PVC black
Part Number Table


Similar Part No. - AP00459

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
AP00458 PROSIGNAL-AP00458 Datasheet
210Kb / 1P
Lead - Coaxial TV P-P
24/09/12 V1.0
More results

Similar Description - AP00459

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20101 ERICSSON-PTB20101 Datasheet
44Kb / 3P
175 Watts P-Sync, 470-860 MHz UHF TV Power Transistor
logo
List of Unclassifed Man...
TG50 ETC1-TG50 Datasheet
240Kb / 3P
TRANZYSTORY P-N-P
SWW1156-211 ETC1-SWW1156-211 Datasheet
355Kb / 4P
TRANZYSTORY P-N-P
logo
New Jersey Semi-Conduct...
2N200 NJSEMI-2N200 Datasheet
108Kb / 1P
P-N-P GERMANIUM TRANSISTOR
2N3829 NJSEMI-2N3829 Datasheet
148Kb / 1P
P-N-P SILICON TRANSISTOR
2N6469 NJSEMI-2N6469 Datasheet
93Kb / 1P
SILICON P-N-P
logo
PHOENIX CONTACT
3044762 PHOENIX-3044762 Datasheet
132Kb / 6P
UTTB 4-MT P/P
3044801 PHOENIX-3044801 Datasheet
129Kb / 6P
UTTB 4-TG P/P
3100020 PHOENIX-3100020 Datasheet
121Kb / 6P
MTKD-P/P
3104013 PHOENIX-3104013 Datasheet
127Kb / 6P
MTK-P/P
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com