Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV02004 Datasheet(PDF) 1 Page - Pro-Signal

Part # AV02004
Description  Lead 4Pin Mini Din PLG-PLG, 1m
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

AV02004 Datasheet(HTML) 1 Page - Pro-Signal

  AV02004 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
24/09/12
Lead
4Pin Mini Din PLG-PLG, 1m
Specifications:
Connector Type A
: 4 Way Mini DIN Plug
Connector Type B
: 4 Way Mini DIN Plug
Cable Assembly Type
: Audio / Video
Cable Length - Imperial
: 3.28ft
Cable Length - Metric
: 1m
Colour
: Black
No. of Poles
: 8
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Description
Part Number
4P Mini Din Plug to 4P Mini Din Plug
AV02004
Part Number Table
Dimensions : Millimetres


Similar Part No. - AV02004

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
AV02007 MULTICOMP-AV02007 Datasheet
349Kb / 1P
Lead 2 × Phono to 2 x Phono
02/10/20 V1.0
logo
Pro-Signal
AV02008 PROSIGNAL-AV02008 Datasheet
155Kb / 1P
Lead 2 × Phono - 2 × Phono, 2m
V1.0 24/09/12
More results

Similar Description - AV02004

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF4921AM MITSUBISHI-MGF4921AM Datasheet
230Kb / 10P
4pin flat lead package
logo
COSMO Electronics Corp...
KTLP260J COSMO-KTLP260J_15 Datasheet
208Kb / 9P
4PIN MINI-FLAT RANDOM-PHASE TRIAC DRIVER
KPC354NT COSMO-KPC354NT_15 Datasheet
223Kb / 10P
4PIN MINI-FLAT PHOTOTRANSISTOR PHOTOCOUPLER
KPC355NT COSMO-KPC355NT_15 Datasheet
215Kb / 10P
4PIN MINI-FLAT PHOTODARLINGTON PHOTOCOUPLER
KPC357NT COSMO-KPC357NT_16 Datasheet
334Kb / 10P
4PIN MINI-FLAT PHOTOTRANSISTOR PHOTOCOUPLER
KPC357NT0T COSMO-KPC357NT0T_15 Datasheet
214Kb / 10P
4PIN MINI-FLAT LOW INPUT CURRENT PHOTOCOUPLER
KPC357NT0Z COSMO-KPC357NT0Z_15 Datasheet
214Kb / 10P
4PIN MINI-FLAT LOW INPUT CURRENT PHOTOCOUPLER
KPC452 COSMO-KPC452_15 Datasheet
215Kb / 10P
4PIN MINI-FLAT PHOTODARLINGTON PHOTOCOUPLER
logo
Amphenol Sine Systems C...
PRM0400-G3-PNL ASS-PRM0400-G3-PNL Datasheet
170Kb / 1P
KIT, 2 POSN, MALE RECPT, PINPRM SERIES™MACH CONT, MATES WITH PRM0400-GX-PLG
Rev. A1
PRM2.400-G2-PNL ASS-PRM2.400-G2-PNL Datasheet
300Kb / 1P
KIT, 2 POSN MALE RECPT, PIN, PRM SERIES 12-14AWG MACHINED CONTACT MATES WITH PRM2400-GX-PLG
Rev. A1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com