Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV02019 Datasheet(PDF) 1 Page - Pro-Signal

Part # AV02019
Description  Stereo Plug 2.5mm to 2.5mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

AV02019 Datasheet(HTML) 1 Page - Pro-Signal

  AV02019 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
12/09/12
Stereo Plug
2.5mm to 2.5mm
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Description
Part Number
Lead, 2.5mm Stereo Plug to Plug, 3M
AV02019
Part Number Table
Dimensions : Millimetres
Specifications:
Connector Type A
: 2.5mm Stereo Jack Plug
Connector Type B
: 2.5mm Stereo Jack Plug
Cable Assembly Type
: Audio / Video
Cable Length - Imperial
: 9.84ft
Cable Length - Metric
: 3m
Jacket Colour
: Black
No. of Poles
: 3


Similar Part No. - AV02019

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
AV02010 PROSIGNAL-AV02010 Datasheet
266Kb / 1P
RCA Phono Plugs
11/09/12 V1.0
AV02013 PROSIGNAL-AV02013 Datasheet
185Kb / 1P
LEAD
V1.0 01/10/12
More results

Similar Description - AV02019

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
250133MS003G114ZU SUYIN-USA-250133MS003G114ZU Datasheet
53Kb / 1P
2.5mm Battery Plug DIP Type
logo
Molex Electronics Ltd.
53885-0308 MOLEX11-53885-0308 Datasheet
326Kb / 6P
0.5 BOARD TO BOARD Conn PLUG Hgt=2.5mm
logo
CUI INC
SJ-2504N CUI-SJ-2504N Datasheet
261Kb / 1P
2.5mm AUDIO JACK-STEREO
logo
List of Unclassifed Man...
JR8307-1.5M ETC2-JR8307-1.5M Datasheet
211Kb / 1P
2.5mm DC Plug to 2.5mm DC Jack
PPW00029 ETC2-PPW00029 Datasheet
161Kb / 1P
2.5mm DC Plug to Plug
logo
CUI INC
SJ1-2503A CUI-SJ1-2503A Datasheet
24Kb / 1P
2.5mm STEREO JACK
SP-2501 CUI-SP-2501 Datasheet
31Kb / 1P
2.5mm STEREO PLUG
SJ-2509N CUI-SJ-2509N Datasheet
22Kb / 1P
2.5mm AUDIO JACK-STEREO
SJ-2503A CUI-SJ-2503A Datasheet
62Kb / 1P
2.5mm AUDIO Jack-STEREO
logo
Kycon, Inc.
STX2000 KYCON-STX2000 Datasheet
396Kb / 1P
2.5mm Audio Jack
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com